Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75813T-E Datasheet(PDF) 19 Page - Sanyo Semicon Device

Part # LC75813T-E
Description  1/3, 1/4 Duty General-Purpose LCD Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75813T-E Datasheet(HTML) 19 Page - Sanyo Semicon Device

Back Button LC75813T-E Datasheet HTML 15Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 16Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 17Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 18Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 19Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 20Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 21Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 22Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 23Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
No. 7159--19/26
LC75813E, 75813T
1/4 Duty, 1/3 Bias Drive Technique
1/4 Duty, 1/3 Bias Waveforms
VLCD1
VLCD2
fo[Hz]
VLCD
COM3
COM2
COM1
COM4
LCD driver output when all LCD segments
corresponding to COM1, COM2, COM3,
and COM4 are on.
LCD driver output when LCD segments
corresponding to COM2 and COM4 are on.
LCD driver output when only LCD segments
corresponding to COM4 are on.
LCD driver output when LCD segments
corresponding to COM1, COM2,
and COM3 are on.
LCD driver output when LCD segments
corresponding to COM2 and COM3 are on.
LCD driver output when LCD segments
corresponding to COM1 and COM3 are on.
LCD driver output when only LCD segments
corresponding to COM3 are on.
LCD driver output when LCD segments
corresponding to COM1 and COM2 are on.
LCD driver output when only LCD segments
corresponding to COM2 are on.
LCD driver output when only LCD segments
corresponding to COM1 are on.
LCD driver output when all LCD segments
corresponding to COM1, COM2, COM3,
and COM4 are turned off.
0V
VLCD1
VLCD2
VLCD
0V
VLCD1
VLCD2
VLCD
0V
VLCD1
VLCD2
VLCD
0V
VLCD1
VLCD2
VLCD
0V
VLCD1
VLCD2
VLCD
0V
VLCD1
VLCD2
VLCD
0V
VLCD1
VLCD2
VLCD
0V
VLCD1
VLCD2
VLCD
0V
VLCD1
VLCD2
VLCD
0V
VLCD1
VLCD2
VLCD
0V
VLCD1
VLCD2
VLCD
0V
VLCD1
VLCD2
VLCD
0V
VLCD1
VLCD2
VLCD
0V
VLCD1
VLCD2
VLCD
0V
When the control data FC = 0 : f0 =
384
fosc
When the control data FC = 1 : f0 =
192
fosc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com