Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75813T-E Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC75813T-E
Description  1/3, 1/4 Duty General-Purpose LCD Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75813T-E Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC75813T-E Datasheet HTML 1Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 2Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 3Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 4Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 5Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 6Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 7Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 8Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
• Serial data control of frame frequency for common and
segment output waveforms.
• High generality, since display data is displayed directly
without decoder intervention.
• Independent VLCD for the LCD driver block (VLCD can
be set to any voltage in the range 2.7 to 6.0 volts,
regardless of the logic block power-supply voltage.)
• The INH pin can force the display to the off state.
• RC oscillator circuit
Package Dimensions
unit: mm
3151A-QFP100E
unit: mm
3274-TQFP100 (14
×14)
No. 7159--2/26
LC75813E, 75813T
20.0
23.2
0.15
0.3
0.65
(0.58)
1
30
80
51
31
50
100
81
[LC75813E]
SANYO: QFP100E
100
1
25
26
50
51
75
76
14.0
(1.0)
0.125
16.0
0.2
0.5
[LC75813T]
SANYO: TQFP100
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
VDD
2.7
6.0
V
VLCD
VLCD
2.7
6.0
Input voltage
VLCD1
VLCD1
2/3 VLCD
VLCD
V
VLCD2
VLCD2
1/3 VLCD
VLCD
Input high level voltage
VIH
CE, CL, DI, INH
0.8 VDD
6.0
V
Input low level voltage
VIL
CE, CL, DI, INH
0
0.2 VDD
V
Recommended external resistance
ROSC
OSC
39
k
Recommended external capacitance
COSC
OSC
1000
pF
Guaranteed oscillation range
fOSC
OSC
19
38
76
kHz
Data setup time
tds
CL, DI: Figure 2
160
ns
Data hold time
tdh
CL, DI: Figure 2
160
ns
CE wait time
tcp
CE, CL: Figure 2
160
ns
CE setup time
tcs
CE, CL: Figure 2
160
ns
CE hold time
tch
CE, CL: Figure 2
160
ns
High level clock pulse width
tøH
CL: Figure 2
160
ns
Low level clock pulse width
tøL
CL: Figure 2
160
ns
Rise time
tr
CE, CL, DI: Figure 2
160
ns
Fall time
tf
CE, CL, DI: Figure 2
160
ns
INH switching time
tc
INH, CE: Figure 3
10
µs
Allowable Operating Ranges at Ta = –40 to +85°C, VSS = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com