Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75813T-E Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC75813T-E
Description  1/3, 1/4 Duty General-Purpose LCD Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75813T-E Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC75813T-E Datasheet HTML 9Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 10Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 11Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 12Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 13Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 14Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 15Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 16Page - Sanyo Semicon Device LC75813T-E Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Display Data to Segment Output Pin Correspondence
1. 1/3 duty
Note: This applies to the case where the S1/P1 to S8/P8, and COM4/S87 output pins are set to be segment output ports.
For example, the table below lists the segment output states for the S11 output pin.
No. 7159-13/26
LC75813E, 75813T
Segment
Output pin
COM1
COM2
COM3
S1/P1
D1
D2
D3
S2/P2
D4
D5
D6
S3/P3
D7
D8
D9
S4/P4
D10
D11
D12
S5/P5
D13
D14
D15
S6/P6
D16
D17
D18
S7/P7
D19
D20
D21
S8/P8
D22
D23
D24
S9
D25
D26
D27
S10
D28
D29
D30
S11
D31
D32
D33
S12
D34
D35
D36
S13
D37
D38
D39
S14
D40
D41
D42
S15
D43
D44
D45
S16
D46
D47
D48
S17
D49
D50
D51
S18
D52
D53
D54
S19
D55
D56
D57
S20
D58
D59
D60
S21
D61
D62
D63
S22
D64
D65
D66
S23
D67
D68
D69
S24
D70
D71
D72
S25
D73
D74
D75
S26
D76
D77
D78
S27
D79
D80
D81
S28
D82
D83
D84
S29
D85
D86
D87
Segment
Output pin
COM1
COM2
COM3
S30
D88
D89
D90
S31
D91
D92
D93
S32
D94
D95
D96
S33
D97
D98
D99
S34
D100
D101
D102
S35
D103
D104
D105
S36
D106
D107
D108
S37
D109
D110
D111
S38
D112
D113
D114
S39
D115
D116
D117
S40
D118
D119
D120
S41
D121
D122
D123
S42
D124
D125
D126
S43
D127
D128
D129
S44
D130
D131
D132
S45
D133
D134
D135
S46
D136
D137
D138
S47
D139
D140
D141
S48
D142
D143
D144
S49
D145
D146
D147
S50
D148
D149
D150
S51
D151
D152
D153
S52
D154
D155
D156
S53
D157
D158
D159
S54
D160
D161
D162
S55
D163
D164
D165
S56
D166
D167
D168
S57
D169
D170
D171
S58
D172
D173
D174
Segment
Output pin
COM1
COM2
COM3
S59
D175
D176
D177
S60
D178
D179
D180
S61
D181
D182
D183
S62
D184
D185
D186
S63
D187
D188
D189
S64
D190
D191
D192
S65
D193
D194
D195
S66
D196
D197
D198
S67
D199
D200
D201
S68
D202
D203
D204
S69
D205
D206
D207
S70
D208
D209
D210
S71
D211
D212
D213
S72
D214
D215
D216
S73
D217
D218
D219
S74
D220
D221
D222
S75
D223
D224
D225
S76
D226
D227
D228
S77
D229
D230
D231
S78
D232
D233
D234
S79
D235
D236
D237
S80
D238
D239
D240
S81
D241
D242
D243
S82
D244
D245
D246
S83
D247
D248
D249
S84
D250
D251
D252
S85
D253
D254
D255
S86
D256
D257
D258
COM4/S87
D259
D260
D261
Display data
Segment output pin (S11) state
D31
D32
D33
0
0
0
The LCD segments corresponding to COM1, COM2, and COM3 are off.
0
0
1
The LCD segment corresponding to COM3 is on.
0
1
0
The LCD segment corresponding to COM2 is on.
0
1
1
The LCD segments corresponding to COM2 and COM3 are on.
1
0
0
The LCD segment corresponding to COM1 is on.
1
0
1
The LCD segments corresponding to COM1 and COM3 are on.
1
1
0
The LCD segments corresponding to COM1 and COM2 are on.
1
1
1
The LCD segments corresponding to COM1, COM2, and COM3 are on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com