Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4584CS Datasheet(PDF) 8 Page - Elantec Semiconductor

Part # EL4584CS
Description  Horizontal Genlock, 4 FSC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4584CS Datasheet(HTML) 8 Page - Elantec Semiconductor

Back Button EL4584CS Datasheet HTML 4Page - Elantec Semiconductor EL4584CS Datasheet HTML 5Page - Elantec Semiconductor EL4584CS Datasheet HTML 6Page - Elantec Semiconductor EL4584CS Datasheet HTML 7Page - Elantec Semiconductor EL4584CS Datasheet HTML 8Page - Elantec Semiconductor EL4584CS Datasheet HTML 9Page - Elantec Semiconductor EL4584CS Datasheet HTML 10Page - Elantec Semiconductor EL4584CS Datasheet HTML 11Page - Elantec Semiconductor EL4584CS Datasheet HTML 12Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
EL4584C
Horizontal Genlock 4 FSC
Description of Operation
Contd
External Divide
DIV SEL (pin 8) controls the use of the internal
divider When high the internal divider is en-
abled and EXT DIV (pin 13) outputs the CLK
out divided by N This is the signal to which the
horizontal sync input will lock When divide se-
lect is low the internal divider output is disabled
and external divide becomes an input from an ex-
ternal divider so that a divisor other than one of
the 8 pre-programmed internal divisors can be
used
Normal Mode
Normal mode is enabled by pulling COAST (pin
9) low (below
VCC) If H-sync and CLKdN
have any phase or frequency difference an error
signal is generated and sent to the charge pump
The charge pump will either force current into or
out of the filter capacitor in an attempt to modu-
late the VCO frequency Modulation will contin-
ue until the phase and frequency of CLKdN ex-
actly match the H-sync input When the phase
and frequency match (with some offset in phase
that is a function of the VCO characteristics) the
error signal goes to zero lock detect no longer
pulses high and the charge pump enters a high
impedance state The clock is now locked to the
H-sync input As long as phase and frequency
differences remain small the PLL can adjust the
VCO to remain locked and lock detect remains
low
Fast Lock Mode
Fast Lock mode is enabled by either allowing
coast to float or pulling it to mid supply (be-
tween
and
VCC) In this mode lock is
achieved much faster than in normal mode but
the clock divisor is modified on the fly to achieve
this If the phase detector detects an error of
enough magnitude the clock is either inhibited
or reset to attempt a ‘‘fast’’ lock of the signals
Forcing the clock to be synchronized to the H-
sync input this way allows a lock in approximate-
ly 2 H-cycles but the clock spacing will not be
regular during this time Once the near lock con-
dition is attained charge pump output should be
very close to its lock-on value and placing the
device into normal mode should result in a nor-
mal lock very quickly Fast Lock mode is intend-
ed to be used where H-sync becomes irregular
until a stable signal is again obtained
Coast Mode
Coast mode is enabled by pulling COAST (pin 9)
high (above
VCC) In coast mode the internal
phase detector is disabled and filter out remains
in high impedance mode to keep filter out volt-
age and VCO frequency as constant a possible
VCO frequency will drift as charge leaks from the
filter capacitor and the voltage changes the VCO
operating point Coast mode is intended to be
used when noise or signal degradation result in
loss of horizontal sync for many cycles
The
phase detector will not attempt to adjust to the
resultant loss of signal so that when horizontal
sync returns
sync lock can be re-established
quickly However if much VCO drift has oc-
curred it may take as long to re-lock as when
restarting
Lock Detect
Lock detect (pin 12) will go low when lock is es-
tablished
Any DC current path from charge
pump out will skew EXT DIV relative to
H-SYNC in tending to offset or add to the 110 ns
internal delay depending on which way the extra
current is flowing This offset is called static
phase error and is always present in any PLL
system If when the part stabilizes in a locked
mode lock detect is not low adding or subtract-
ing from the loop filter series resistor R2 will
change this static phase error to allow LDET to
go low while in lock The goal is to put the rising
edge of EXT DIV in sync with the falling edge of
H-SYNC a 110 ns (See timing diagrams) In-
creasing R2 decreases phase error while decreas-
ing R2 increases phase error (Phase error is posi-
tive when EXT DIV lags H-SYNC) The resist-
ance needed will depend on VCO design or VCXO
module selection
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com