Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4584CS Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL4584CS
Description  Horizontal Genlock, 4 FSC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4584CS Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL4584CS Datasheet HTML 1Page - Elantec Semiconductor EL4584CS Datasheet HTML 2Page - Elantec Semiconductor EL4584CS Datasheet HTML 3Page - Elantec Semiconductor EL4584CS Datasheet HTML 4Page - Elantec Semiconductor EL4584CS Datasheet HTML 5Page - Elantec Semiconductor EL4584CS Datasheet HTML 6Page - Elantec Semiconductor EL4584CS Datasheet HTML 7Page - Elantec Semiconductor EL4584CS Datasheet HTML 8Page - Elantec Semiconductor EL4584CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
EL4584C
Horizontal Genlock 4 FSC
Absolute Maximum Ratings (T
A
e
25 C)
VCC Supply
7V
Operating Junction Temp
125 C
Storage Temperature
b
65 Cto a150 C
Power Dissipation
400 mW
Lead Temperature
260 C
Oscillator Frequency
36 MHz
Pin Voltages
b
05V to VCCa05V
Operating Ambient Temperature
Range
b
40 Cto a85 C
Important Note
All parameters having MinMax specifications are guaranteed The Test Level column indicates the specific device testing actually
performed during production and Quality inspection Elantec performs most electrical tests using modern high-speed automatic test
equipment specifically the LTX77 Series system Unless otherwise noted all tests are pulsed tests therefore TJeTCeTA
Test Level
Test Procedure
I
100% production tested and QA sample tested per QA test plan QCX0002
II
100% production tested at TA e 25 C and QA sample tested at TA e 25 C
TMAX and TMIN per QA test plan QCX0002
III
QA sample tested per QA test plan QCX0002
IV
Parameter is guaranteed (but not tested) by Design and Characterization Data
V
Parameter is typical value at TA e 25 C for information purposes only
DC Electrical Characteristics (V
DD
e
5V TA e 25 C unless otherwise noted)
Parameter
Conditions
Temp
Min
Typ
Max
Test
Units
Level
IDD
VDD e 5V (Note 1)
25 C2
4
I
mA
VIL Input Low Voltage
25 C
15
I
V
VIH Input High Voltage
25 C
35
I
V
IIL Input Low Current
All inputs except COAST VIN e 15V
25 C
b
100
I
nA
IIH Input High Current
All inputs except COAST VIN e 35V
25 C
100
I
nA
IIL Input Low Current
COAST pin VIN e 15V
25 C
b
100
b
60
I
mA
IIH Input High Current
COAST pin VIN e 35V
25 C
60
100
I
mA
VOL Output Low Voltage
Lock Det IOL e 16mA
25 C
04
I
V
VOH Output High Voltage
Lock Det IOH eb16mA
25 C
24
I
V
VOL Output Low Voltage
CLK IOL e 32mA
25 C
04
I
V
VOH Output High Voltage
CLK IOH eb32mA
25 C
24
I
V
VOL Output Low Voltage
OSC Out IOL e 200mA25 C
04
I
V
VOH Output High Voltage
OSC Out IOH eb200mA25 C
24
I
V
IOL Output Low Current
Filter Out VOUT e 25V
25 C
200
300
I
mA
IOH Output High Current
Filter Out VOUT e 25V
25 C
b
300
b
200
I
mA
IOL IOH Current Ratio
Filter Out VOUT e 25V
25 C
105
10
095
I
ILEAK Filter Out
Coast Mode VDDlVOUTl0V
25 C
b
100
g
1
100
I
nA
Note 1 All inputs to 0V COAST floating
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com