Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4584CS Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL4584CS
Description  Horizontal Genlock, 4 FSC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4584CS Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL4584CS Datasheet HTML 1Page - Elantec Semiconductor EL4584CS Datasheet HTML 2Page - Elantec Semiconductor EL4584CS Datasheet HTML 3Page - Elantec Semiconductor EL4584CS Datasheet HTML 4Page - Elantec Semiconductor EL4584CS Datasheet HTML 5Page - Elantec Semiconductor EL4584CS Datasheet HTML 6Page - Elantec Semiconductor EL4584CS Datasheet HTML 7Page - Elantec Semiconductor EL4584CS Datasheet HTML 8Page - Elantec Semiconductor EL4584CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
EL4584C
Horizontal Genlock 4 FSC
Note All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication however this data sheet cannot be a ‘‘controlled document’’ Current revisions if any to these
specifications are maintained at the factory and are available upon your request We recommend checking the revision level before finalization of your design documentation
4584C
1994 Elantec Inc
Features
 36 MHz general purpose PLL
 4FSC based timing (use the
EL4585 for 8 FSC)
 Compatible wEL4583 Sync
Separator
 VCXO Xtal or LC tank
oscillator
 k2 ns jitter (VCXO)
 User controlled PLL capture and
lock
 Compatible with NTSC and PAL
TV formats
 8 pre-programmed TV scan rate
clock divisors
 Selectable external divide for
custom ratios
 Single 5V low current operation
Applications
 Pixel Clock regeneration
 Video compression engine
(MPEG) clock generator
 Video capture or digitization
 PIP (Picture in Picture) timing
generator
 Text or graphics overlay timing
Ordering Information
Part No
Temp Range Package Outline
EL4584CN -40 Cto a85 C 16-Pin DIP MDP0031
EL4584CS -40 Cto a85 C 16-Lead SO MDP0027
For 6Fsc and 8Fsc clock frequencies
see
EL4585 datasheet
Demo Board
A demo PCB is available for this
product Request ‘‘EL45845 Demo
Board’’
General Description
The EL4584C is a PLL (Phase Lock Loop) sub system designed
for video applications but also suitable for general purpose use
up to 36 MHz In a video application this device generates a
TTLCMOS compatible Pixel Clock (Clk Out) which is a multi-
ple of the TV Horizontal scan rate and phase locked to it
The reference signal is a horizontal sync signal TTLCMOS
format which can be easily derived from an analog composite
video signal with the EL4583 Sync Separator An input signal
to ‘‘coast’’ is provided for applications were periodic distur-
bances are present in the reference video timing such as VTR
head switching The Lock detector output indicates correct lock
The divider ratio is four ratios for NTSC and four similar ratios
for the PAL video timing standards by external selection of
three control pins These four ratios have been selected for com-
mon video applications including 4 FSC 3FSC 135 MHz
(CCIR 601 format) and square picture elements used in some
workstation graphics To generate 8 FSC 6FSC 27 MHz (CCIR
601 format) etc use the EL4585 which includes an additional
divide by 2 stage
For applications where these frequencies are inappropriate or
for general purpose PLL applications the internal divider can be
bypassed and an external divider chain used
FREQUENCIES and DIVISORS
Function
3Fsc
CCIR 601
Square
4Fsc
Divisor
851
864
944
1135
PAL Fosc (MHz)
13301
135
1475
17734
Divisor
682
858
780
910
NTSC Fosc (MHz)
10738
135
12273
14318
CCIR 601 Divisors yield 720 pixels in the portion of each line for NTSC and PAL
Square pixels format gives 640 pixels for NTSC and 768 pixels for PAL in the active portion
3Fsc numbers do not yield integer divisors
Connection Diagram
EL4584 SO P-DIP Packages
4584 – 17


Similar Part No. - EL4584CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4584CS INTERSIL-EL4584CS Datasheet
313Kb / 15P
Horizontal Genlock, 4FSC
May 9, 2008
logo
Renesas Technology Corp
EL4584CS RENESAS-EL4584CS Datasheet
731Kb / 15P
Horizontal Genlock, 4FSC
logo
Intersil Corporation
EL4584CSZ INTERSIL-EL4584CSZ Datasheet
313Kb / 15P
Horizontal Genlock, 4FSC
May 9, 2008
logo
Renesas Technology Corp
EL4584CSZ RENESAS-EL4584CSZ Datasheet
731Kb / 15P
Horizontal Genlock, 4FSC
More results

Similar Description - EL4584CS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8749S TOSHIBA-TA8749S Datasheet
158Kb / 4P
4 fsc CLOCK GENERATOR
logo
Samsung semiconductor
KS0118C SAMSUNG-KS0118C Datasheet
71Kb / 10P
GENLOCK ADC
logo
Elantec Semiconductor
EL4585C ELANTEC-EL4585C Datasheet
262Kb / 16P
Horizontal Genlock, 8 FSC
logo
Integrated Circuit Syst...
AV9173-01 ICST-AV9173-01 Datasheet
148Kb / 6P
Video Genlock PLL
RevC052197
MK9173-01 ICST-MK9173-01 Datasheet
163Kb / 7P
Video Genlock PLL
logo
Intersil Corporation
EL4584 INTERSIL-EL4584 Datasheet
313Kb / 15P
Horizontal Genlock, 4FSC
May 9, 2008
EL4585 INTERSIL-EL4585 Datasheet
271Kb / 15P
Horizontal Genlock, 8FSC
September 3, 2009
logo
Integrated Device Techn...
IDT9173B IDT-IDT9173B Datasheet
310Kb / 9P
VIDEO GENLOCK PLL
logo
Renesas Technology Corp
EL4584 RENESAS-EL4584 Datasheet
731Kb / 15P
Horizontal Genlock, 4FSC
EL4585 RENESAS-EL4585 Datasheet
742Kb / 15P
Horizontal Genlock, 8FSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com