Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4584CS Datasheet(PDF) 9 Page - Elantec Semiconductor

Part # EL4584CS
Description  Horizontal Genlock, 4 FSC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4584CS Datasheet(HTML) 9 Page - Elantec Semiconductor

Back Button EL4584CS Datasheet HTML 5Page - Elantec Semiconductor EL4584CS Datasheet HTML 6Page - Elantec Semiconductor EL4584CS Datasheet HTML 7Page - Elantec Semiconductor EL4584CS Datasheet HTML 8Page - Elantec Semiconductor EL4584CS Datasheet HTML 9Page - Elantec Semiconductor EL4584CS Datasheet HTML 10Page - Elantec Semiconductor EL4584CS Datasheet HTML 11Page - Elantec Semiconductor EL4584CS Datasheet HTML 12Page - Elantec Semiconductor EL4584CS Datasheet HTML 13Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
EL4584C
Horizontal Genlock 4 FSC
Applications Information
Choosing External Components
1 To choose LC VCO components first pick the
desired operating frequency For our example
we will use 1431818 MHz with an H-sync fre-
quency of 15734 kHz
2 Choose a reasonable inductor value (10 – 20
mH
works well) We choose 15
mH
3 Calculate CT needed to produce FOSC
FOSC e
1
2
q
0LCT
CTe
1
4
q2F2L
e
1
4
q2(14318e6)2(15e b 6)
e
82 pF
4 From the varactor data sheet find CV
25V
the desired lock voltage CVe23 pF for our
SMV1204-12 for example
5 C2 should be about 10CV
so we choose
C2e220 pF for our example
6 Calculate C1 Since
CT e
C1C2CV
(C1C2) a (C1CV) a (C2CV)
then
C1 e
C2CTCV
(C2CV) b (C2CT) b (CTCV)
For our example C1e14 pF (A trim cap may be
used for fine tuning) Examples for each frequen-
cy using the internal divider follow
Typical Application
Horizontal genlock provides clock for an analog
to digital converter digitizing analog video
Typical LC VCO
4584 – 10
Figure 10
LC VCO Component Values (Approximate)
Frequency
L1
C1
C2
(MHz)
(mH)
(pF)
(pF)
13301
15
18
220
135
15
17
220
1475
12
18
220
17734
12
10
220
10738
22
20
220
12273
18
17
220
14318
15
14
220
Note Use shielded inductors for optimum performance
Typical Xtal VCO
4584 – 11
Figure 11
4584 – 18
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com