Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4584CS Datasheet (PDF) - Intersil Corporation

EL4584CS Datasheet PDF - Intersil Corporation
Part # EL4584CS
Download  EL4584CS Download
File Size   313.88 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Horizontal Genlock, 4FSC

EL4584CS Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4584CS Datasheet PDF - Intersil Corporation

Part # EL4584CS
Download  EL4584CS Click to download

File Size   313.88 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Horizontal Genlock, 4FSC

EL4584CS Datasheet (HTML) - Intersil Corporation


EL4584CS Product details

The EL4584 is a PLL (Phase Lock Loop) sub system, designed for video applications but also suitable for general purpose use up to 36MHz. In video applications, this device generates a TTL/CMOS compatible Pixel Clock (CLK OUT) which is a multiple of the TV horizontal scan rate and phase locked to it.



Features

• 36MHz, general purpose PLL

• 4FSCbased timing (use the EL4585 for 8FSC)

• Compatible with EL4583 sync separator

• VCXO, Xtal, or LC tank oscillator

• < 2ns jitter (VCXO)

• User controlled PLL capture and lock

• Compatible with NTSC and PAL TV formats

• 8 pre-programmed TV scan rate clock divisors

• Selectable external divide for custom ratios

• Single 5V, low current operation

• Pb-Free plus anneal available (RoHS compliant)



Applications

• Pixel clock regeneration

• Video compression engine (MPEG) clock generator

• Video capture or digitization

• PIP (Picture in Picture) timing generator

• Text or graphics overlay timing




Similar Part No. - EL4584CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4584CS ELANTEC-EL4584CS Datasheet
275Kb / 16P
Horizontal Genlock, 4 FSC
logo
Renesas Technology Corp
EL4584CS RENESAS-EL4584CS Datasheet
731Kb / 15P
Horizontal Genlock, 4FSC
EL4584CSZ RENESAS-EL4584CSZ Datasheet
731Kb / 15P
Horizontal Genlock, 4FSC
More results


Similar Description - EL4584CS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0118C SAMSUNG-KS0118C Datasheet
71Kb / 10P
GENLOCK ADC
logo
Elantec Semiconductor
EL4584C ELANTEC-EL4584C Datasheet
275Kb / 16P
Horizontal Genlock, 4 FSC
EL4585C ELANTEC-EL4585C Datasheet
262Kb / 16P
Horizontal Genlock, 8 FSC
logo
Integrated Circuit Syst...
AV9173-01 ICST-AV9173-01 Datasheet
148Kb / 6P
Video Genlock PLL
RevC052197
logo
Mitsumi Electronics, Co...
MM1093 MITSUMI-MM1093 Datasheet
176Kb / 7P
4fsc Clock Generator
logo
Integrated Circuit Syst...
MK9173-01 ICST-MK9173-01 Datasheet
163Kb / 7P
Video Genlock PLL
logo
Intersil Corporation
EL4585 INTERSIL-EL4585 Datasheet
271Kb / 15P
Horizontal Genlock, 8FSC
September 3, 2009
logo
Integrated Device Techn...
IDT9173B IDT-IDT9173B Datasheet
310Kb / 9P
VIDEO GENLOCK PLL
logo
Renesas Technology Corp
EL4584 RENESAS-EL4584 Datasheet
731Kb / 15P
Horizontal Genlock, 4FSC
EL4585 RENESAS-EL4585 Datasheet
742Kb / 15P
Horizontal Genlock, 8FSC
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com