Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4584CS Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL4584CS
Description  Horizontal Genlock, 4FSC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4584CS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL4584CS Datasheet HTML 5Page - Intersil Corporation EL4584CS Datasheet HTML 6Page - Intersil Corporation EL4584CS Datasheet HTML 7Page - Intersil Corporation EL4584CS Datasheet HTML 8Page - Intersil Corporation EL4584CS Datasheet HTML 9Page - Intersil Corporation EL4584CS Datasheet HTML 10Page - Intersil Corporation EL4584CS Datasheet HTML 11Page - Intersil Corporation EL4584CS Datasheet HTML 12Page - Intersil Corporation EL4584CS Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN7174.3
May 9, 2008
The resistance needed will depend on VCO design or VCXO
module selection.
Applications Information
Choosing External Components
1. To choose LC VCO components, first pick the desired
operating frequency. For our example, we will use
14.31818MHz, with an HSYNC frequency of 15.734kHz.
2. Choose a reasonable inductor value (10µH to 20µH
works well). We choose 15µH.
3. Calculate CT needed to produce FOSC, as shown in
Equations 1 and 2.
4. From the varactor data sheet find CV @ 2.5V, the desired
lock voltage. CV = 23pF for our SMV1204-12, for
example.
5. C2 should be about 10CV, so we choose C2 = 220pF for
our example.
6. Calculate C1 using Equations 3 and 4. Since:
then:
For our example, C1 = 14pF (a trim capacitor may be used
for fine tuning). Examples for each frequency using the
internal divider follow.
Typical Application
Horizontal genlock provides clock for an analog to digital
converter, digitizing analog video.
FIGURE 11.
F
OSC
1
2
π LC
T
-----------------------
=
(EQ. 1)
C
T
1
4
π
2
F
2
L
---------------------
1
4
π
2
14.318e6
()
2
15e
6
–
()
---------------------------------------------------------------------
8.2pF
==
=
(EQ. 2)
C
T
C
1C2CV
C
1C2
()
C
1CV
()
C
2CV
()′
++
----------------------------------------------------------------------------
=
(EQ. 3)
C
1
C
2CTCV
C
2CV
() C
2CT
()
C
TCV
()
–
–
′
--------------------------------------------------------------------------
=
(EQ. 4)
TABLE 3. LC VCO COMPONENT VALUES (APPROXIMATE)
(NOTE)
FREQUENCY
(MHZ)
L1
(µH)
C1
(pF)
C2
(pF)
13.301
15
18
220
13.5
15
17
220
14.75
12
18
220
17.734
12
10
220
10.738
22
20
220
12.273
18
17
220
14.318
15
14
220
NOTE: Use shielded inductors for optimum performance.
TABLE 4. XTAL VCO COMPONENT VALUES
(APPROXIMATE)
FREQUENCY
(MHz)
R1
(k
Ω)
C1
(pF)
C2
(µF)
13.301
300
15
0.001
13.5
300
15
0.001
14.75
300
15
0.001
FIGURE 12. TYPICAL LC VCO
FIGURE 13. TYPICAL XTAL VCO
EL4584



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com