Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4584CS Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL4584CS
Description  Horizontal Genlock, 4FSC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4584CS Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL4584CS Datasheet HTML 2Page - Intersil Corporation EL4584CS Datasheet HTML 3Page - Intersil Corporation EL4584CS Datasheet HTML 4Page - Intersil Corporation EL4584CS Datasheet HTML 5Page - Intersil Corporation EL4584CS Datasheet HTML 6Page - Intersil Corporation EL4584CS Datasheet HTML 7Page - Intersil Corporation EL4584CS Datasheet HTML 8Page - Intersil Corporation EL4584CS Datasheet HTML 9Page - Intersil Corporation EL4584CS Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN7174.3
May 9, 2008
Typical Performance Curves
FIGURE 4. IDD vs FOSC
FIGURE 5. EL4584 OSC GAIN @ 20MHz vs TEMPERATURE
FIGURE 6. TYPICAL VARACTOR
FIGURE 7. OSC GAIN vs FOSC
FIGURE 8. CHARGE PUMP DUTY CYCLE vs
θ
E
FIGURE 9. PACKAGE POWER DISSIPATION VS AMBIENT
TEMPERATURE
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (°C)
85
1.23W
0.91W
PDIP16
θJA = +81°C/W
SO16 (0.150”)
θJA = +110°C/W
EL4584



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com