Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4584CS Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL4584CS
Description  Horizontal Genlock, 4FSC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4584CS Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL4584CS Datasheet HTML 7Page - Intersil Corporation EL4584CS Datasheet HTML 8Page - Intersil Corporation EL4584CS Datasheet HTML 9Page - Intersil Corporation EL4584CS Datasheet HTML 10Page - Intersil Corporation EL4584CS Datasheet HTML 11Page - Intersil Corporation EL4584CS Datasheet HTML 12Page - Intersil Corporation EL4584CS Datasheet HTML 13Page - Intersil Corporation EL4584CS Datasheet HTML 14Page - Intersil Corporation EL4584CS Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN7174.3
May 9, 2008
smaller, t
θ (see “Timing Diagrams” on page 5) increases,
and if R2 increases, tθ decreases. For LDET to be low at
lock, |t
θ| < 50 ns. C
4 is used mainly to attenuate high
frequency noise from the charge pump.
Lock Time
Let = R3C3. As t increases, damping increases, but so does
lock time. Decreasing t decreases damping and speeds up
loop response, but increases overshoot and thus increases
the number of hunting oscillations before lock. Critical
damping (
ζ = 1) occurs at minimum lock time. Because
decreased damping also decreases loop stability, it is
sometimes desirable to design slightly overdamped (
ζ > 1),
trading lock time for increased stability.
PCB Layout Considerations
It is highly recommended that power and ground planes be
used in layout. The oscillator and filter sections constitute a
feedback loop and thus care must be taken to avoid any
feedback signal influencing the oscillator except at the
control input. The entire oscillator/filter section should be
surrounded by copper ground to prevent unwanted
influences from nearby signals. Use separate paths for
analog and digital supplies, keeping the analog (oscillator
section) as short and free from spurious signals as possible.
Careful attention must be paid to correct bypassing. Keep
lead lengths short and place bypass capacitors as close to
the supply pins as possible. If laying out a PCB to use
discrete components for the VCO section, care must be
taken to avoid parasitic capacitance at the OSC pins 3 and
5, and FILTER out (pin 7). Remove ground and power plane
copper above and below these traces to avoid making a
capacitive connection to them. It is also recommended to
enclose the oscillator section within a shielded cage to
reduce external influences on the VCO, as they tend to be
very sensitive to “handwaving” influences, the LC variety
being more sensitive than crystal controlled oscillators. In
general, the higher the operating frequency, the more
important these considerations are. Self contained VCXO or
VCO modules are already mounted in a shielding cage and
therefore do not require as much consideration in layout.
Many crystal manufacturers publish informative literature
regarding use and layout of oscillators which should be
helpful.
The VCO and loop filter section of the EL4583, EL4584,
EL4585 demo board can be implemented in Figures 18, 19
and 20.
TABLE 5. LC LOOP FILTER COMPONENTS (APPROXIMATE)
FREQUENCY
(MHz)
R2
(k
Ω)
R3
(k
Ω)
C3
(µF)
C4
(µF)
13.301
100
30
0.01
0.001
13.5
100
30
0.01
0.001
14.75
100
33
0.01
0.001
17.734
100
39
0.01
0.001
10.738
100
22
0.01
0.001
12.273
100
27
0.01
0.001
14.318
100
30
0.01
0.001
C
3
K
dKVCO
N
ω
2
n
------------------------
4.77e
5
–
() 6.05e6
()
910
() 5000
()
2
------------------------------------------------------
0.01µF
==
=
(EQ. 9)
C
4
C
3
10
-------
0.0001µF
==
(EQ. 10)
R
3
2N
ζω
n
K
dKVCO
------------------------
2
() 910
() 1
() 5000
()
4.77e
5
–
() 6.05e6
()
------------------------------------------------------
31.5k
Ω
==
=
(EQ. 11)
FIGURE 17. TYPICAL LOOP FILTER
TABLE 6. XTAL LOOP FILTER COMPONENTS
(APPROXIMATE)
FREQUENCY
(MHz)
R2
(k
Ω)
R3
(M
Ω)
C3
(pF)
C4
(pF)
13.301
100
4.3
68
6.8
13.5
100
4.3
68
6.8
14.75
100
4.3
68
6.8
17.734
100
4.3
68
6.8
10.738
100
4.3
68
6.8
12.273
100
4.3
68
6.8
14.318
100
4.3
68
6.8
EL4584



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com