Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4584CS Datasheet(PDF) 14 Page - Intersil Corporation

Part # EL4584CS
Description  Horizontal Genlock, 4FSC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4584CS Datasheet(HTML) 14 Page - Intersil Corporation

Back Button EL4584CS Datasheet HTML 7Page - Intersil Corporation EL4584CS Datasheet HTML 8Page - Intersil Corporation EL4584CS Datasheet HTML 9Page - Intersil Corporation EL4584CS Datasheet HTML 10Page - Intersil Corporation EL4584CS Datasheet HTML 11Page - Intersil Corporation EL4584CS Datasheet HTML 12Page - Intersil Corporation EL4584CS Datasheet HTML 13Page - Intersil Corporation EL4584CS Datasheet HTML 14Page - Intersil Corporation EL4584CS Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
FN7174.3
May 9, 2008
EL4584
Small Outline Package Family (SO)
GAUGE
PLANE
A2
A1
L
L1
DETAIL X
4° ±4°
SEATING
PLANE
e
H
b
C
0.010
B
M
CA
0.004 C
0.010
B
M
CA
B
D
(N/2)
1
E1
E
N
N
(N/2)+1
A
PIN #1
I.D. MARK
h X 45°
A
SEE DETAIL “X”
c
0.010
MDP0027
SMALL OUTLINE PACKAGE FAMILY (SO)
SYMBOL
INCHES
TOLERANCE
NOTES
SO-8
SO-14
SO16
(0.150”)
SO16 (0.300”)
(SOL-16)
SO20
(SOL-20)
SO24
(SOL-24)
SO28
(SOL-28)
A
0.068
0.068
0.068
0.104
0.104
0.104
0.104
MAX
-
A1
0.006
0.006
0.006
0.007
0.007
0.007
0.007
±0.003
-
A2
0.057
0.057
0.057
0.092
0.092
0.092
0.092
±0.002
-
b
0.017
0.017
0.017
0.017
0.017
0.017
0.017
±0.003
-
c
0.009
0.009
0.009
0.011
0.011
0.011
0.011
±0.001
-
D
0.193
0.341
0.390
0.406
0.504
0.606
0.704
±0.004
1, 3
E
0.236
0.236
0.236
0.406
0.406
0.406
0.406
±0.008
-
E1
0.154
0.154
0.154
0.295
0.295
0.295
0.295
±0.004
2, 3
e
0.050
0.050
0.050
0.050
0.050
0.050
0.050
Basic
-
L
0.025
0.025
0.025
0.030
0.030
0.030
0.030
±0.009
-
L1
0.041
0.041
0.041
0.056
0.056
0.056
0.056
Basic
-
h
0.013
0.013
0.013
0.020
0.020
0.020
0.020
Reference
-
N
8
14
16
16
20
24
28
Reference
-
Rev. M 2/07
NOTES:
1. Plastic or metal protrusions of 0.006” maximum per side are not included.
2. Plastic interlead protrusions of 0.010” maximum per side are not included.
3. Dimensions “D” and “E1” are measured at Datum Plane “H”.
4. Dimensioning and tolerancing per ASME Y14.5M-1994



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com