Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JD Datasheet(PDF) 7 Page - Intel Corporation

Part # 80960JD
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JD Datasheet(HTML) 7 Page - Intel Corporation

Back Button 80960JD Datasheet HTML 3Page - Intel Corporation 80960JD Datasheet HTML 4Page - Intel Corporation 80960JD Datasheet HTML 5Page - Intel Corporation 80960JD Datasheet HTML 6Page - Intel Corporation 80960JD Datasheet HTML 7Page - Intel Corporation 80960JD Datasheet HTML 8Page - Intel Corporation 80960JD Datasheet HTML 9Page - Intel Corporation 80960JD Datasheet HTML 10Page - Intel Corporation 80960JD Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
Datasheet
7
1.0
Introduction
This document contains information for the 80960Jx microprocessors, including electrical
characteristics and package pinout information. Detailed functional descriptions, other than
parametric performance, are published in the i960® Jx Microprocessor Developer’s Manual
(272483) and may be viewed online at http://developer.intel.com/design/i960/Techinfo/80960JX/.
Throughout this datasheet, references to ‘80960Jx’ indicate features that apply to the 3.3-V Jx
processors only:
Figure 1. 80960Jx Microprocessor Package Options
i960®
i
M
i
© 19xx
M
© 19xx
x80960JX
x80960JX
XXXXXXXXSS
XXXXXXXX SS
i
M
© 19xx
x80960JX
XXXXXXXSS
132-Pin PGA
132-Pin PQFP
196-Ball MPBGA
Table 1. 80960Jx 3.3-V Microprocessor Family
Processor
Voltage
Instruction
Cache
Data
Cache
Core Clock
80960JA
3.3 V (5 V Tolerant)
2 Kbyte
1 Kbyte
1x
80960JF
3.3 V (5 V Tolerant)
4 Kbyte
2 Kbyte
1x
80960JD
3.3 V (5 V Tolerant)
4 Kbyte
2 Kbyte
2x
80960JS
3.3 V (5 V Tolerant)
16 Kbyte
4 Kbyte
1x
80960JC
3.3 V (5 V Tolerant)
16 Kbyte
4 Kbyte
2x
80960JT
3.3 V (5 V Tolerant)
16 Kbyte
4 Kbyte
3x
NOTE: To address the fact that many of the package prefix variables have changed, all package prefix
variables in this document are now indicated with an "x".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com