Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JD Datasheet(PDF) 6 Page - Intel Corporation

Part # 80960JD
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JD Datasheet(HTML) 6 Page - Intel Corporation

Back Button 80960JD Datasheet HTML 2Page - Intel Corporation 80960JD Datasheet HTML 3Page - Intel Corporation 80960JD Datasheet HTML 4Page - Intel Corporation 80960JD Datasheet HTML 5Page - Intel Corporation 80960JD Datasheet HTML 6Page - Intel Corporation 80960JD Datasheet HTML 7Page - Intel Corporation 80960JD Datasheet HTML 8Page - Intel Corporation 80960JD Datasheet HTML 9Page - Intel Corporation 80960JD Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
Contents
6
Datasheet
42 Boundary-Scan Register—Bit Order ..........................................................................................81
43 Natural Boundaries for Load and Store Accesses......................................................................81
44 Summary of Byte Load and Store Accesses ..............................................................................82
45 Summary of Short Word Load and Store Accesses ...................................................................82
46 Summary of n-Word Load and Store Accesses (n = 1, 2, 3, 4) ..................................................83
Revision History
Date
Revision
Description
September 2002
005
Removed reference to A80960JF-16 from Table 3 on page 15.
Removed reference to NG80960JC-40, NG80960JC-33, NG80960JS-16,
and NG80960JF-16 from Table 4 on page 15.
Removed reference to GD80960JC-40, GD80960JC-33, and 80960JS-16
in Table 6 on page 16.
Removed reference to 80960JC-40, 80960JC-33, 80960JS-16, and
80960JF-16 in Table 18 on page 35.
Removed reference to 80960JC-40, 80960JC-33, 80960JS-16, and
80960JF-16 from Table 21 on page 39.
Removed reference to 80960JC-40, 80960JC-33, 80960JS-16 and
80960JF-16 from Table 22 on page 42.
September 1999
004
Added new extended temp device offerings. See Table 5 on page 16.
Removed PGA package availability from JS/JC/JT processors.
Changed AC timing parameter TOV1 (min) for extended temp devices only.
See Table 22 on page 42.
June 1999
003
Merged the 80960JS/JC datasheet information into this datasheet
(previously named 80960JA/JF/JD/JT 3.3 V Embedded 32-Bit
Microprocessor datasheet).
Updated ICC values for the 80960JS/JC/JT processors.
Increased TIH1 specification for the 80960JS/JC/JT processors.
Updated MPBGA thermal specifications.
December 1998
002
Corrected orientation of MPBGA package diagrams (Figure 6 on page 30
and Figure 7 on page 31).
Added Figure 11 on page 46, Figure 12 on page 46, Figure 14 on page 47,
and Figure 15 on page 48 to distinguish 80960JT 3.3-V and 5-V signal
derating curves from the 80960JA/JF/JD derating curves.
March 1998
001
This datasheet supersedes revisions to the following 80960Jx datasheets:
#273109 (JT), #272971-002 (JD), and #276146-001 (JA/JF). In addition to
combining the documents into one, the following content was changed:
Figure 1 on page 7: Added MPBGA package to diagram.
Section 3.2.4, “80960Jx 196-Ball MPBGA Pinout” on page 30: Added new
Figures 6 and 7, Tables 10, 11 and 13.
Figure 16 on page 48: Added with the note that follows the figure.
August 2004
006
To address the fact that many of the package prefix variables have
changed, all package prefix variables in this document are now
indicated with an "x".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com