Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JD Datasheet(PDF) 83 Page - Intel Corporation

Part # 80960JD
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JD Datasheet(HTML) 83 Page - Intel Corporation

Back Button 80960JD Datasheet HTML 78Page - Intel Corporation 80960JD Datasheet HTML 79Page - Intel Corporation 80960JD Datasheet HTML 80Page - Intel Corporation 80960JD Datasheet HTML 81Page - Intel Corporation 80960JD Datasheet HTML 82Page - Intel Corporation 80960JD Datasheet HTML 83Page - Intel Corporation 80960JD Datasheet HTML 84Page - Intel Corporation 80960JD Datasheet HTML 85Page - Intel Corporation 80960JD Datasheet HTML 86Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 83 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
Datasheet
83
Table 46. Summary of n-Word Load and Store Accesses (n = 1, 2, 3, 4)
Address Offset
from Natural
Boundary in Bytes
Accesses on 8-Bit Bus
(WIDTH1:0=00)
Accesses on 16 Bit Bus
(WIDTH1:0=01)
Accesses on 32 Bit
Bus (WIDTH1:0=10)
+0 (aligned)
(n =1, 2, 3, 4)
•
n burst(s) of 4 bytes
•
Case n=1:
burst of 2 short words
•
Case n=2:
burst of 4 short words
•
Case n=3:
burst of 4 short words
burst of 2 short words
•
Case n=4:
2 bursts of 4 short words
•
Burst of n word(s)
+1 (n =1, 2, 3, 4)
+5 (n = 2, 3, 4)
+9 (n = 3, 4)
+13 (n = 3, 4)
•
Byte access
•
Burst of 2 bytes
•
n-1 burst(s) of 4 bytes
•
Byte access
•
Byte access
•
Short-word access
•
n-1 burst(s) of 2 short
words
•
Byte access
•
Byte access
•
Short-word access
•
n-1 word
access(es)
•
Byte access
+2 (n =1, 2, 3, 4)
+6 (n = 2, 3, 4)
+10 (n = 3, 4)
+14 (n = 3, 4)
•
Burst of 2 bytes
•
n-1 burst(s) of 4 bytes
•
Burst of 2 bytes
•
Short-word access
•
n-1 burst(s) of 2 short
words
•
Short-word access
•
Short-word access
•
n-1 word
access(es)
•
Short-word access
+3 (n =1, 2, 3, 4)
+7 (n = 2, 3, 4)
+11 (n = 3, 4)
+15 (n = 3, 4)
•
Byte access
•
n-1 burst(s) of 4 bytes
•
Burst of 2 bytes
•
Byte access
•
Byte access
•
n-1 burst(s) of 2 short
words
•
Short-word access
•
Byte access
•
Byte access
•
n-1 word
access(es)
•
Short-word access
•
Byte access
+4 (n = 2, 3, 4)
+8 (n = 3, 4)
+12 (n = 3, 4)
•
n burst(s) of 4 bytes
•
n burst(s) of 2 short words
•
n word access(es)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com