Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JD Datasheet(PDF) 63 Page - Intel Corporation

Part # 80960JD
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JD Datasheet(HTML) 63 Page - Intel Corporation

Back Button 80960JD Datasheet HTML 59Page - Intel Corporation 80960JD Datasheet HTML 60Page - Intel Corporation 80960JD Datasheet HTML 61Page - Intel Corporation 80960JD Datasheet HTML 62Page - Intel Corporation 80960JD Datasheet HTML 63Page - Intel Corporation 80960JD Datasheet HTML 64Page - Intel Corporation 80960JD Datasheet HTML 65Page - Intel Corporation 80960JD Datasheet HTML 66Page - Intel Corporation 80960JD Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
Datasheet
63
6.0
Thermal Specifications
The 80960Jx is specified for operation when TC (case temperature) is within the range of 0° C to
100° C for PGA, MPBGA and PQFP packages. Extended temperature devices are also available in
a PQFP package and an MPBGA package with TC = -40° C to 100° C. Case temperature may be
measured in any environment to determine whether the 80960Jx is within its specified operating
range. The case temperature should be measured at the center of the top surface, opposite the pins.
θ
CA is the thermal resistance from case to ambient. Use the following equation to calculate TA, the
maximum ambient temperature to conform to a particular case temperature:
TA = TC - P (θCA)
Junction temperature (TJ) is commonly used in reliability calculations. TJ may be calculated from
θ
JC (thermal resistance from junction to case) using the following equation:
TJ = TC + P (θJC)
Similarly, when TA is known, the corresponding case temperature (TC) may be calculated as
follows:
TC = TA + P (θCA)
Compute P by multiplying ICC from Table 21, “80960Jx ICC Characteristics” on page 39 and VCC.
See the following tables for
θ
JC and θCA values:
For high speed operation, the processor’s
θ
JA may be significantly reduced by adding a heatsink
and/or by increasing airflow.
Refer to the following tables for the maximum ambient temperature (TA) permitted without
exceeding TC for the PGA, MPBGA, and PQFP packages. The values are based on typical ICC and
VCC of +3.3 V, with a TC of +100° C.
Table 31. Thermal Resistance for
θ
CA and θJC Reference Table
Package
Table
PGA package
Table 33 on page 64
MPBGA package
Table 34 on page 64 and Table 35 on page 65
PQFP package
Table 36 on page 65
Table 32. Maximum Ambient Temperature Reference Table
Processor
Table
80960JT processor
Table 37 on page 66
80960JC processor
Table 38 on page 66
80960JD processor
Table 39 on page 67
80960JS processor
Table 40 on page 67
80960JA/JF processor
Table 41 on page 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com