Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L-T670WDT-WW1-R Datasheet(PDF) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # L-T670WDT-WW1-R
Description  SURFACE MOUNT DEVICE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

L-T670WDT-WW1-R Datasheet(HTML) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button L-T670WDT-WW1-R Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Part No. : LT670WDT-WW1-R
REV: A / 0
●Bin Range of Chromaticity Coordinates @ 20mA
CIE-X
CIE-Y
CIE-X
CIE-Y
CIE-X
CIE-Y
0.4330
0.4280
0.4477
0.4325
0.493
0.4405
0.4160
0.4222
0.4330
0.4280
0.478
0.4388
0.4110
0.4080
0.4270
0.4145
0.4708
0.4261
T1
(3250-3500K)
0.4270
0.4145
U1
(3050-3250K)
0.4416
0.4195
X1
(2500-2670K)
0.4855
0.4281
0.4270
0.4145
0.4416
0.4195
0.4855
0.4281
0.4110
0.4080
0.4270
0.4145
0.4708
0.4261
0.4055
0.3915
0.4200
0.3975
0.4622
0.411
T2
(3250-3500K)
0.4200
0.3975
U2
(3050-3250K)
0.4333
0.4029
X2
(2500-2670K)
0.4767
0.414
0.4200
0.3975
0.4333
0.4029
0.4767
0.414
0.4055
0.3915
0.4200
0.3975
0.4622
0.411
0.4000
0.3750
0.413
0.3810
0.4531
0.3947
T3
(3250-3500K)
0.4130
0.3810
U3
(3050-3250K)
0.4260
0.3868
X3
(2500-2670K)
0.466
0.397
0.4130
0.3810
0.4260
0.3868
0.466
0.397
0.4000
0.3750
0.4130
0.3810
0.4531
0.3947
0.3945
0.3600
0.4066
0.3655
0.4443
0.3793
T4
(3250-3500K)
0.4066
0.3655
U4
(3050-3250K)
0.4180
0.3700
X4
(2500-2670K)
0.4567
0.3822
0.4626
0.4362
0.478
0.4388
0.4477
0.4325
0.4626
0.4362
0.4416
0.4195
0.4559
0.4231
V1
(2850-3050K)
0.4559
0.4231
W1
(2670-2850K)
0.4708
0.4261
0.4559
0.4231
0.4708
0.4261
0.4416
0.4195
0.4559
0.4231
0.4333
0.4029
0.4478
0.4072
V2
(2850-3050K)
0.4478
0.4072
W2
(2670-2850K)
0.4622
0.4110
0.4478
0.4072
0.4622
0.4110
0.4333
0.4029
0.4478
0.4072
0.4260
0.3868
0.4395
0.3912
V3
(2850-3050K)
0.4395
0.3912
W3
(2670-2850K)
0.4531
0.3947
0.4395
0.3912
0.4531
0.3947
0.4260
0.3868
0.4395
0.3912
0.4180
0.3700
0.4308
0.375
V4
(2850-3050K)
0.4308
0.3750
W4
(2670-2850K)
0.4443
0.3793
* Measurement of Color coordinates : +/- 0.01
DRAWING NO. : DS-7A-12-0001
DATE : 2012-1-11
PAGE
7 of 17
PARA-FOR-068
SURFACE MOUNT DEVICE LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com