Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L-T670WDT-WW1-R Datasheet(PDF) 10 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # L-T670WDT-WW1-R
Description  SURFACE MOUNT DEVICE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

L-T670WDT-WW1-R Datasheet(HTML) 10 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button L-T670WDT-WW1-R Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 12Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 13Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 14Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SURFACE MOUNT DEVICE LED
Part No. : LT670WDT-WW1-R
REV: A / 0
l Reel Dimensions
Notes:
1.
Taping Quantity : 1000pcs/reel、1500 pcs/reel、2000 pcs/reel
2.
The tolerances unless noted is±0.1mm, Angle±0.5°, Unit: mm.
l Suggest Soldering Pad Dimensions
1.8
1.6
DRAWING NO. : DS-7A-12-0001
DATE : 2012-1-11
PAGE
10 of 17
PARA-FOR-068



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com