Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L-T670WDT-WW1-R Datasheet(PDF) 17 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # L-T670WDT-WW1-R
Description  SURFACE MOUNT DEVICE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

L-T670WDT-WW1-R Datasheet(HTML) 17 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button L-T670WDT-WW1-R Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 12Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 13Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 14Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 15Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 16Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 17Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
SURFACE MOUNT DEVICE LED
Part No. : LT670WDT-WW1-R
REV: A / 0
l PART NO. SYSTEM :
L – T 67 0 W D T– WW1-Q - X
DRAWING NO. : DS-7A-12-0001
DATE : 2012-1-11
PAGE
17 of 17
PARA-FOR-068
Ra:M:65~70; N:70~75; P:75~80;Q:80~85
T : Taping for 7 inch reeL
Lens color
C : Water Clear
W : White Diffused
D : Color Diffused
KY : 9mil AlInGap 590nm Super Yellow
KR : 9mil AlInGap 630 nm Super Red
TE(HE) : 14mil AlInGap 624 nm Super Red
TY(HY): 14mil AlInGap590 nm Super Yellow
LB : InGaN ITO rough 470nm Blue
LG(SG) : InGaN ITO rough520nm Green
W : InGaN + YAG White color
0
: Single chip
1/2 : Super thin single chip
5/6 : Dual chip
F
: Three chip(Full color)
650 :
3020
1.3T
TYPE
670 :
3528
1.9T
TYPE
020 :
3812
0.6T
TYPE
680:
5630
0.9T
TYPE
690:
5050
1.5T
TYPE
C : PCB Top View Type
T :PLCC Top View Type
S : Side View Type
CW1:5500-6500K;CW2:5000-7000K
NW1:3800-5000K;WW1:2500-3500 K
Lumen:
L:6.0~6.3;M:6.3~6.6;N:6.6~6.9;P:6.9~7.2
M:65~70; N:70~75; P:75~80;Q:80~85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com