Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L-T670WDT-WW1-R Datasheet(PDF) 15 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # L-T670WDT-WW1-R
Description  SURFACE MOUNT DEVICE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

L-T670WDT-WW1-R Datasheet(HTML) 15 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button L-T670WDT-WW1-R Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 12Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 13Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 14Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 15Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 16Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-WW1-R Datasheet HTML 17Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
SURFACE MOUNT DEVICE LED
Part No. : LT670WDT-WW1-R
REV: A / 0
4. Lead-Free Soldering
For Reflow Soldering :
1、Pre-Heat Temp: 150-180℃,120sec.Max.
2、Soldering Temp: Temperature Of Soldering Pot Over 240℃,40sec.Max.
3、Peak Temperature: 260℃,10sec.
4、Reflow Repetition: 2 Times
Max.
5、Suggest Solder Paste Formula : 93.3 Sn/3.1 Ag/3.1 Bi/0.5 Cu
For Soldering Iron (Not Recommended) :
1、Iron Tip Temp: 350℃ Max.
2、Soldering Iron: 30w Max.
3、Soldering Time: 3 Sec. Max. One Time.
5. Drive Method
Circuit model A
Circuit model B
(A)Recommended circuit.
(B)The difference of brightness between LED`s could be found due to the Vf-If characteristics of LED.
6. Reliability
1、Criteria For Judging The Damage
Criteria for Judgement
Item
Symbol
Test Conditions
MIN.
Max.
Forward Voltage
VF
IF=20mA
-
U.S.L.*)×1.1
Reverse Current
IR
VR=5V
-
U.S.L.*)×2.0
Luminous Intensity
IV
IF=20mA
L.S.L**)×0.7
-
*) U.S.L.: Upper Standard Level
**) L.S.L: Lower Standard Level
DRAWING NO. : DS-7A-12-0001
DATE : 2012-1-11
PAGE
15 of 17
PARA-FOR-068



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com