Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8562FSZ Datasheet(PDF) 8 Page - Analog Devices

Part # DAC8562FSZ
Description  5 Volt, Parallel Input Complete 12-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8562FSZ Datasheet(HTML) 8 Page - Analog Devices

Back Button DAC8562FSZ Datasheet HTML 4Page - Analog Devices DAC8562FSZ Datasheet HTML 5Page - Analog Devices DAC8562FSZ Datasheet HTML 6Page - Analog Devices DAC8562FSZ Datasheet HTML 7Page - Analog Devices DAC8562FSZ Datasheet HTML 8Page - Analog Devices DAC8562FSZ Datasheet HTML 9Page - Analog Devices DAC8562FSZ Datasheet HTML 10Page - Analog Devices DAC8562FSZ Datasheet HTML 11Page - Analog Devices DAC8562FSZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DAC8562
REV. A
–8–
10
0.1
0.01
10
100
100k
10k
1k
1
FREQUENCY – Hz
VDD = +5V
TA = 25°C
DATA = FFFH
Figure 20. Output Voltage Noise
Density vs. Frequency
0V
0V
TIME = 1µs/DIV
10
90
100
0%
2V
1µs
2V
VDD
VREF
TA = +25°C
RL = ∞
Figure 23. Reference Startup vs.
Time
8
0
125
2
1
–25
–50
4
3
5
6
7
100
75
50
25
0
TEMPERATURE –
°C
VDATA = +2.4V
NO LOAD
VDD = +4.75V
VDD = +5.25V
VDD = +5.0V
Figure 22. Supply Current vs.
Temperature
10
8
6
4
2
0
–2
–4
–6
–8
–10
–50
–25
0
25
50
75
100
125
AVG +1
σ
AVG –1
σ
X
VDD = +5V
SAMPLE SIZE = 300
TEMPERATURE –
°C
Figure 25. Reference Error vs.
Temperature
5
–5
1200
–2
–4
200
–3
0
1
–1
0
2
3
4
1000
600
800
400
HOURS OF OPERATION AT +125°C
135 UNITS TESTED
READINGS NORMALIZED
TO ZERO HOUR TIME POINT
AVG
RANGE
V
DD
= +5V
DATA = FFF
H
Figure 21. Long-Term Drift
Accelerated by Burn-In
1
0
10
90
100
0%
TIME = 20µs/DIV
5µs
5V
A4 0.040 V
DLY
13.82
µs
5mV
B
L
w
CE = HIGH
Figure 24. Digital Feedthrough vs.
Time
0.10
0.00
125
–25
0.02
–50
0.06
0.04
0.08
100
50
75
0
25
TEMPERATURE –
°C
AVG
VDD = +4.75 TO +5.25V
SAMPLE SIZE = 302 PCS
AVG – 3
σ
AVG + 3
σ
Figure 27. Reference Line
Regulation vs. Temperature
0.005
0.000
125
–25
0.001
–50
0.003
0.002
0.004
100
50
75
0
25
TEMPERATURE –
°C
AVG
VDD = +5V
IL = 5mA
SAMPLE SIZE = 302 PCS
AVG – 3
σ
∆
AVG + 3 σ
Figure 26. Reference Load
Regulation vs. Temperature
DAC8562–Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com