Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8562FSZ Datasheet(PDF) 3 Page - Analog Devices

Part # DAC8562FSZ
Description  5 Volt, Parallel Input Complete 12-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8562FSZ Datasheet(HTML) 3 Page - Analog Devices

  DAC8562FSZ Datasheet HTML 1Page - Analog Devices DAC8562FSZ Datasheet HTML 2Page - Analog Devices DAC8562FSZ Datasheet HTML 3Page - Analog Devices DAC8562FSZ Datasheet HTML 4Page - Analog Devices DAC8562FSZ Datasheet HTML 5Page - Analog Devices DAC8562FSZ Datasheet HTML 6Page - Analog Devices DAC8562FSZ Datasheet HTML 7Page - Analog Devices DAC8562FSZ Datasheet HTML 8Page - Analog Devices DAC8562FSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
WAFER TEST LIMITS
Parameter
Symbol
Condition
Min
Typ
Max
Units
STATIC PERFORMANCE
Relative Accuracy
INL
–1
±3/4
+1
LSB
Differential Nonlinearity
DNL
No Missing Codes
–1
±3/4
+ 1
LSB
Zero-Scale Error
VZSE
Data = 000H
+1/2
+3
LSB
Full-Scale Voltage
VFS
Data = FFFH
4.085
4.095
4.105
V
Reference Output Voltage
VREF
2.490
2.500
2.510
V
LOGIC INPUTS
Logic Input Low Voltage
VIL
0.8
V
Logic Input High Voltage
VIH
2.4
V
Input Leakage Current
IIL
10
µA
SUPPLY CHARACTERISTICS
Positive Supply Current
IDD
VIH = 2.4 V, VIL = 0.8 V
3
6
mA
VIL = 0 V, VDD = +5 V
0.6
1
mA
Power Dissipation
PDISS
VIH = 2.4 V, VIL = 0.8 V
15
30
mW
VIL = 0 V, VDD = +5 V
35mW
Power Supply Sensitivity
PSS
∆V
DD = ± 5%
0.002
0.004
%/%
NOTE
1Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualifications through sample lot assembly and testing.
CAUTION
ESD (electrostatic discharge) sensitive device. The digital control inputs are diode protected;
however, permanent damage may occur on unconnected devices subject to high energy electrostatic
fields. Unused devices must be stored in conductive foam or shunts. The protective foam should be
discharged to the destination socket before devices are inserted.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS*
VDD to DGND and AGND . . . . . . . . . . . . . . . . –0.3 V, +10 V
Logic Inputs to DGND . . . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
VOUT to AGND . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
VREFOUT to AGND . . . . . . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD
IOUT Short Circuit to GND . . . . . . . . . . . . . . . . . . . . . . 50 mA
Package Power Dissipation . . . . . . . . . . . . . . (TJ max – TA)/ JA
Thermal Resistance JA
20-Pin Plastic DIP Package (P) . . . . . . . . . . . . . . . . 74
°C/W
20-Lead SOIC Package (S) . . . . . . . . . . . . . . . . . . . 89
°C/W
Maximum Junction Temperature (TJ max) . . . . . . . . . . 150
°C
Operating Temperature Range . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . +300
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
1
0
0
0
1
1
FS
ZS
DB11–0
VOUT
t
CEW
t
DS
t
DH
DATA VALID
t
CLRW
t
S
t
S
±1 LSB
ERROR BAND
CE
CLR
Figure 2. Timing Diagram
Table I. Control Logic Truth Table
CE
CLR
DAC Register Function
H
H
Latched
L
H
Transparent
↑ +
H
Latched with New Data
X
L
Loaded with All Zeros
H
↑ +
Latched All Zeros
↑ + Positive Logic Transition; X Don't Care.
REV. A
–3–
(@ VDD = +5.0 V
5%, RL = No Load, TA = +25 C, applies to part number DAC8562GBC only,
unless otherwise noted)
DAC8562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com