Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8562FSZ Datasheet(PDF) 10 Page - Analog Devices

Part # DAC8562FSZ
Description  5 Volt, Parallel Input Complete 12-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8562FSZ Datasheet(HTML) 10 Page - Analog Devices

Back Button DAC8562FSZ Datasheet HTML 6Page - Analog Devices DAC8562FSZ Datasheet HTML 7Page - Analog Devices DAC8562FSZ Datasheet HTML 8Page - Analog Devices DAC8562FSZ Datasheet HTML 9Page - Analog Devices DAC8562FSZ Datasheet HTML 10Page - Analog Devices DAC8562FSZ Datasheet HTML 11Page - Analog Devices DAC8562FSZ Datasheet HTML 12Page - Analog Devices DAC8562FSZ Datasheet HTML 13Page - Analog Devices DAC8562FSZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DAC8562
REV. A
–10–
15
16
DGND
AGND
DATA
DAC-8562
13
VOUT
+12V OR +15V
10
CE
CLR
1
12
0.1µF
4
REF-02
6
2
0.1µF
Figure 31. Operating the DAC8562 on +12 V or +15 V
Supplies Using a REF02 Voltage Reference
Measuring Offset Error
One of the most commonly specified endpoint errors associated
with real-world nonideal DACs is offset error.
In most DAC testing, the offset error is measured by applying
the zero-scale code and measuring the output deviation from
0 volt. There are some DACs where offset errors may be present
but not observable at the zero scale because of other circuit limi-
tations (for example, zero coinciding with single supply ground).
In these DACs, nonzero output at zero code cannot be read as
the offset error. In the DAC8562, for example, the zero-scale er-
ror is specified to be +3 LSBs. Since zero scale coincides with
zero volt, it is not possible to measure negative offset error.
By adding a pull-down resistor from the output of the
DAC8562 to a negative supply as shown in Figure 32, offset er-
rors can now be read at zero code. This configuration forces the
output P-channel MOSFET to source current to the negative
supply thereby allowing the designer to determine in which di-
rection the offset error appears. The value of the resistor should
be such that, at zero code, current through the resistor is 200
µA
maximum.
15
16
DGND
AGND
VDD
DATA
DAC-8562
13
0.1µF
VOUT
+5V
10
CE
CLR
20
12
200µA MAX
V–
Figure 32. Measuring Zero-Scale or Offset Error
Unipolar Output Operation
This is the basic mode of operation for the DAC8562. As shown
in Figure 30, the DAC8562 has been designed to drive loads as
low as 820
Ω in parallel with 500 pF. The code table for this op-
eration is shown in Table III.
15
16
DGND
AGND
VDD
DATA
DAC-8562
13
10µF
0.1µF
0V
≤ V
OUT ≤ 4.095V
+5V
10
CE
CLR
20
12
820
500pF
Ω
Figure 30. Unipolar Output Operation
Table III. Unipolar Code Table
Hexadecimal Number
Decimal Number
Analog Output
in DAC Register
in DAC Register
Voltage (V)
FFF
4095
+4.095
801
2049
+2.049
800
2048
+2.048
7FF
2047
+2.047
000
0
0
Operating the DAC8562 on +12 V or +15 V Supplies Only
Although the DAC8562 has been specified to operate on a
single, +5 V supply, a single +5 V supply may not be available in
many applications. Since the DAC8562 consumes no more than
6 mA, maximum, then an integrated voltage reference, such as
the REF02, can be used as the DAC8562 +5 V supply. The
configuration of the circuit is shown in Figure 31. Notice that
the reference’s output voltage requires no trimming because of
the REF02’s excellent load regulation and tight initial output
voltage tolerance. Although the maximum supply current of the
DAC8562 is 6 mA, local bypassing of the REF02’s output with
at least 0. 1
µF at the DAC’s voltage supply pin is recommended
to prevent the DAC’s internal digital circuits from affecting the
DAC’s internal voltage reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com