Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8562FSZ Datasheet(PDF) 1 Page - Analog Devices

Part # DAC8562FSZ
Description  5 Volt, Parallel Input Complete 12-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8562FSZ Datasheet(HTML) 1 Page - Analog Devices

  DAC8562FSZ Datasheet HTML 1Page - Analog Devices DAC8562FSZ Datasheet HTML 2Page - Analog Devices DAC8562FSZ Datasheet HTML 3Page - Analog Devices DAC8562FSZ Datasheet HTML 4Page - Analog Devices DAC8562FSZ Datasheet HTML 5Page - Analog Devices DAC8562FSZ Datasheet HTML 6Page - Analog Devices DAC8562FSZ Datasheet HTML 7Page - Analog Devices DAC8562FSZ Datasheet HTML 8Page - Analog Devices DAC8562FSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
+5 Volt, Parallel Input
Complete 12-Bit DAC
DAC8562
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FUNCTIONAL BLOCK DIAGRAM
12-BIT
DAC
DAC REGISTER
REF
12
12
DATA
REFOUT
DGND
VOUT
AGND
VDD
CLR
CE
DAC-8562
GENERAL DESCRIPTION
The DAC8562 is a complete, parallel input, 12-bit, voltage out-
put DAC designed to operate from a single +5 volt supply. Built
using a CBCMOS process, these monolithic DACs offer the
user low cost, and ease-of-use in +5 volt only systems.
Included on the chip, in addition to the DAC, is a rail-to-rail
amplifier, latch and reference. The reference (REFOUT) is
trimmed to 2.5 volts, and the on-chip amplifier gains up the
DAC output to 4.095 volts full scale. The user needs only sup-
ply a +5 volt supply.
The DAC8562 is coded straight binary. The op amp output
swings from 0 to +4.095 volts for a one millivolt per bit resolu-
tion, and is capable of driving
±5 mA. Built using low tempera-
ture-coefficient silicon-chrome thin-film resistors, excellent
linearity error over temperature has been achieved as shown be-
low in the linearity error versus digital input code plot.
Digital interface is parallel and high speed to interface to the
fastest processors without wait states. The interface is very sim-
ple requiring only a single CE signal. An asynchronous CLR in-
put sets the output to zero scale.
The DAC8562 is available in two different 20-pin packages,
plastic DIP and SOL-20. Each part is fully specified for opera-
tion over –40
°C to +85°C, and the full +5 V ± 5% power supply
range.
For MIL-STD-883 applications, contact your local ADI sales
office for the DAC8562/883 data sheet which specifies opera-
tion over the –55
°C to +125°C temperature range.
1
–1
4096
–0.5
–0.75
0
0
–0.25
0.25
0.5
0.75
3072
2048
1024
VDD = +5V
TA = –55°C, +25°C, +125°C
DIGITAL INPUT CODE — Decimal
–55
°C
+25
°C & +125°C
Figure 1. Linearity Error vs. Digital Input Code Plot
FEATURES
Complete 12-Bit DAC
No External Components
Single +5 Volt Operation
1 mV/Bit with 4.095 V Full Scale
True Voltage Output,
5 mA Drive
Very Low Power –3 mW
APPLICATIONS
Digitally Controlled Calibration
Servo Controls
Process Control Equipment
PC Peripherals


Similar Part No. - DAC8562FSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8562FS AD-DAC8562FS Datasheet
636Kb / 16P
5 Volt, Parallel Input Complete 12-Bit DAC
REV.A
More results

Similar Description - DAC8562FSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8300 AD-AD8300 Datasheet
245Kb / 8P
3 Volt, Serial Input Complete 12-Bit DAC
REV.A
AD8582 AD-AD8582 Datasheet
309Kb / 8P
5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV.0
DAC8562 AD-DAC8562 Datasheet
636Kb / 16P
5 Volt, Parallel Input Complete 12-Bit DAC
REV.A
DAC8512FSZ AD-DAC8512FSZ Datasheet
760Kb / 20P
5 V, Serial Input Complete 12-Bit DAC
REV. A
AD8582ARZ AD-AD8582ARZ Datasheet
312Kb / 8P
5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582ANZ AD-AD8582ANZ Datasheet
192Kb / 8P
5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8300 AD-AD8300_15 Datasheet
244Kb / 8P
3 Volt, Serial Input Complete 12-Bit DAC
REV. A
AD8582 AD-AD8582_15 Datasheet
312Kb / 8P
5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
DAC8512 AD-DAC8512_15 Datasheet
760Kb / 20P
5 V, Serial Input Complete 12-Bit DAC
REV. A
DAC8562 AD-DAC8562_15 Datasheet
639Kb / 16P
5 Volt, Parallel Input Complete 12-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com