Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-170UD Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # HT-170UD
Description  Harvatek Surface Mount LED Data Sheet
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT-170UD Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button HT-170UD Datasheet HTML 8Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 9Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 10Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 11Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 12Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 13Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 14Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 15Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Top-emitting 0805 (2013)
HT-170 Series
Official Product
Product: HT-170 Series
Data Sheet No.
Tentative Product
****************
HT-170 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
MAR. 27, 2012
Version of 1.2
Page
12/23
Precaution for Use
1. The chips should not be used directly in any type of fluid such as water, oil, organic
solvent, etc.
2.
When the LEDs are illuminating, the maximum ambient temperature should be first
considered before operation.
3. LEDs must be stored in a clean environment. A sealed container with a nitrogen
atmosphere is necessary if the storage period is over 3 months after shipping.
4. The LEDs must be used within seven days after unpacked. Unused products must
be
repacked in an anti-electrostatic package, folded to close any opening and then
stored in
a dry and cool space.
5. The appearance and specifications of the products may be modified for
improvement
without further notice.
6. The LEDs are sensitive to the static electricity and surge. It is strongly
recommended to
use a grounded wrist band and anti-electrostatic glove when handling the LEDs.
If a voltage over the absolute maximum rating is applied to LEDs, it will damage
LEDs.
Damaged LEDs will show some abnormal characteristics such as remarkable
increase
of leak current, lower turn-on voltage and getting unlit at low current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com