Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-170UD Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # HT-170UD
Description  Harvatek Surface Mount LED Data Sheet
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT-170UD Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button HT-170UD Datasheet HTML 15Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 16Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 17Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 18Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 19Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 20Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 21Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 22Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 23Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Top-emitting 0805 (2013)
HT-170 Series
Official Product
Product: HT-170 Series
Data Sheet No.
Tentative Product
****************
HT-170 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
MAR. 27, 2012
Version of 1.2
Page
23/23
Reworking
 Rework should be completed within 5 seconds under 260 OC.
 The iron tip must not come in contact with the copper foil.
 Twin-head type is preferred.
Cleaning
Following are cleaning procedures after soldering:
 An alcohol-based solvent such as isopropyl alcohol (IPA) is recommended.
 Temperature x Time should be 50oC x 30sec. or <30oC x 3min
 Ultrasonic cleaning: < 15W/ bath; bath volume ≤ 1liter
 Curing: 100 OC max, <3min
Cautions of Pick and Place
 Avoid stress on the resin at elevated temperature.
 Avoid rubbing or scraping the resin by any object.
 Electric-static may cause damage to the component. Please ensure that the equipment
is properly grounded. Use of an ionizer fan is recommended.
Revision History
Changes since last revision
Page
Version No. Revision Date
New format
1.0
06-14-2005
Compliant and Certified
5
1.1
10-19-2005
Renew Lot NO
7
1.2
03-27-2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com