Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-170UD Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HT-170UD
Description  Harvatek Surface Mount LED Data Sheet
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT-170UD Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button HT-170UD Datasheet HTML 3Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 4Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 5Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 6Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 7Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 8Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 9Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 10Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Top-emitting 0805 (2013)
HT-170 Series
Official Product
Product: HT-170 Series
Data Sheet No.
Tentative Product
****************
HT-170 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
MAR. 27, 2012
Version of 1.2
Page
7/23
Lot No.:
▓ Luminous Intensity (Iv) Bin:
Bin
Luminous Intensity Range (mcd)
Bin
Luminous Intensity Range (mcd)
Minimum
Maximum
Minimum
Maximum
H1
2.85
3.6
H2
3.6
4.5
J1
4.5
5.6
J2
5.6
7.15
K1
7.15
9.0
K2
9.0
11.25
L1
11.25
14.00
L2
14.0
18.0
M1
18.0
22.5
M2
22.5
28.5
N1
28.5
36.0
N2
36.0
45.0
P1
45.0
56.0
P2
56.0
71.5
Q1
71.5
90.0
Q2
90.0
112.5
R1
112.5
140.0
R2
140.0
180.0
S1
180.0
226.0
S2
226.0
285.0
T1
285.0
320.0
T2
320.0
360.0
U1
360.0
400.0
U2
400.0
450.0
@20mA / Ta=25
O
C, Tolerance: + 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com