Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-170UD Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # HT-170UD
Description  Harvatek Surface Mount LED Data Sheet
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT-170UD Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button HT-170UD Datasheet HTML 15Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 16Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 17Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 18Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 19Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 20Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 21Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 22Page - List of Unclassifed Manufacturers HT-170UD Datasheet HTML 23Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Top-emitting 0805 (2013)
HT-170 Series
Official Product
Product: HT-170 Series
Data Sheet No.
Tentative Product
****************
HT-170 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
MAR. 27, 2012
Version of 1.2
Page
22/23
PRECAUTIONS
1.
Avoid exposure to moisture at all times during transportation or storage.
2.
Anti-Static precaution must be taken when handling GaN, InGaN, and AlInGaP products.
3.
It is suggested to connect the unit with a current limiting resistor of the proper size. Avoid
applying a reverse voltage beyond the specified limit.
4.
Avoid operation beyond the limits as specified by the absolute maximum ratings.
5.
Avoid direct contact with the surface through which the LED emits light.
6.
If possible, assemble the unit in a clean room or dust-free environment.
Reflow Soldering
Recommend soldering paste specifications:
1.
Operating temp.: Above 220
OC ,60 sec.
2.
Peak temp.:260
OCMax.,10sec Max.
3.
Never attempt next process until the component is cooled down to room temperature after
reflow.
4.
The recommended reflow soldering profile (measured on the surface of the LED terminal)
is as following:
Lead-free Solder Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com