Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73201 Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM73201
Description  4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73201 Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM73201 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 21Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 22Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 23Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 24Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
* This specification are subject to be changed without notice.
EM73201
4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
Preliminary
7.20.1999
DC ELECTRICAL CHARACTERISTICS (V
DD=5±0.5V, VSS=0V, TOPR=25
o
C)
Parameters
Sym.
Min. Typ. Max. Unit
Conditions
Supply current
I
DD
-
0.7
2
mA V
DD=5.5V,no load Fc=4.19MHz (crystal osc)
-
60
110
µA V
DD=5.5V,no load
sleep mode, low voltage reset enable
-
0.1
1
µA V
DD=5.5V, sleep mode, low voltage reset disable
Hysteresis voltage
V
HYS+
0.50V
DD
-
0.75V
DD
V
RESET, P0, P8
V
HYS-
0.20V
DD
-
0.40V
DD
V
Input current
I
IH
-
-
±1
µA RESET , P0, V
DD=5.5V,VIH=5.5/0V
-
-
±1
µA Open-drain:V
DD=5.5V,VIH=5.5/0V
Output current
I
OH
5
-
-
mA P1 normal source, V
DD=4.5V ,VOH=3.5V
(Port 1)
I
OL
5
-
-
mA P1 normal sink, V
DD=4.5V ,VOL=1.0V
20
-
-
mA P1 high sink, V
DD=4.5V ,VOL=1.0V
Output voltage
V
OH
2.4
-
-
V
P7,P8 low source,V
DD=4.5V, IOH=-250µA
(Port 7 Port8)
3.5
-
-
V
P7,P8 normal source,V
DD=4.5V,IOH=-5mA
3.0
-
-
V
P7,P8 high source,V
DD=4.5V,IOH=-20mA
V
OL
-
-
1
V
P7,P8 normal sink,V
DD=4.5V,IOL=5mA
-
-
1.5
V
P7,P8 high sink,V
DD=4.5V,IOL=20mA
Leakage current
I
OL
-
-
1
µA Open drain,V
DD=5.5V,VO =5.5V
Input resistor
R
IN
30
90
150
KΩ P0
100
300
450
KΩ RESET
Frequency stability
-
10
-
%
Fc=4MHz, RC osc (R=7.5kΩ, C=20pF)
[Fc=(4.5V)-F(3.6V)]/F(4.5V)
Frequency variation
-
20
-
%
Fc=4MHz, V
OL=4.5V, RC osc
[F(typical)-F(worse case)]/F(typical)
Lowvoltageresetlevel
3.3
-
4.0
V
ABSOLUTE MAXIMUM RATINGS
Items
Sym.
Ratings
Conditions
Supply Voltage
V
DD
-0.5V to 6V
Input Voltage
V
IN
-0.5V to V
DD+0.5V
Output Voltage
V
O
-0.5V to V
DD+0.5V
Power Dissipation
P
D
300mW
T
OPR=50
o
C
Operating Temperature
T
OPR
0oC to 50oC
Storage Temperature
T
STG
-55oC to 125oC
RECOMMANDED OPERATING CONDITIONS
Items
Sym.
Ratings
Condition
Supply Voltage
V
DD
2.4V to 6.0V
Input Voltage
V
IH
0.90xV
DD to VDD
V
IL
0V to 0.10xV
DD
Operating Frequency
F
C
32K to 4MHz
CLK (RC osc)
32K to 5MHz
XIN,XOUT (crystal osc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com