Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73201 Datasheet(PDF) 18 Page - ELAN Microelectronics Corp

Part # EM73201
Description  4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73201 Datasheet(HTML) 18 Page - ELAN Microelectronics Corp

Back Button EM73201 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 21Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 22Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
18
* This specification are subject to be changed without notice.
7.20.1999
EM73201
4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
Preliminary
Infrared signal command port
PORT4
PORT5
Frequecy divider
Duty controller
fc
P1.0/CLKOUT
fc
fc/8
fc/16
fc/64
fc/16 , 1/4 duty
fc/16 , 1/2 duty
fc/16 , 3/4 duty
Program example:
To disable CLKOUT before sleep.
To enable a CLKOUT signal with frequency
LDIA #0000B;
fc/16, 3/4 duty .
OUTA P5;
LDIA #0000B;
OUTA P4; set clkout pin in high state
OUTA P5;
LDIA #0100B;
LDIA #1111B;
OUTA P16; Sleep
OUTA P4;
::
WATCH-DOG-TIMER
Watch-dog-timer (WDT) can help user to detect the malfunction (runaway) of CPU and give system a time
up signal every certain time. User can use the time up signal to give system a reset signal when system is fail.
The watch-dog-timer is enabled or disabed by mask option. If the mask option of WDT is enabled and the
CPU is reseted or waked up, the WDT will be cleared and counting. When the CPU is sleeping, the WDT
will be disabled.
The basic structure of watch-dog-timer control is composed by a 4-stage binary counter and a control unit.
The WDT counter counts for a certain time to check the CPU status, if there is no malfunction happened, the
counter will be cleared and counting. Otherwise, if there is a malfunction happened, the WDT control will
send a signal (low active) to reset CPU. The WDT checking period is assign by P21 (WDT command port).
E
A
B
C
D
CLK OUT
X0
X
X
X
HIGH
1
1
X
X
X
fc/12
0
1
0
0
0
fc/8
0
1
0
0
1
fc/16
0
1
0
1
0
fc/32
0
1
0
1
1
fc/64
0
1
1
0
0
LOW
0
1
1
0
1
fc/16 ; 1/4 duty
0
1
1
1
0
fc/16 ; 1/2 duty
0
1
1
1
1
fc/16 ; 3/4 duty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com