Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73201 Datasheet(PDF) 12 Page - ELAN Microelectronics Corp

Part # EM73201
Description  4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73201 Datasheet(HTML) 12 Page - ELAN Microelectronics Corp

Back Button EM73201 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 16Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
12
* This specification are subject to be changed without notice.
7.20.1999
EM73201
4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
Preliminary
XIN/CLK
XOUT
Crystal connection
XIN/CLK
XOUT
RC connection
fc
Prescaler
Binary counter
1 2 3
4
567 8910 11 12 13
22
21
20
19
18
17
16
15
14
CLOCK AND TIMING GENERATOR FUNCTION
The frequency of fc is the oscillation frequency for XIN, XOUT by crystal ( resonator) or for CLK by RC
osc.
When CPU sleeps, the XOUT pin will be in "high" state .
When user chooses RC osc, XOUT pin is no used .
The instruction cycle equal 8 basic clock fc.
1 instructure cycle = 8 / fc
TIMING GENERATOR AND TIME BASE
The timing generator produces the system clock from basic clock pulse which can be normal mode or slow
mode clock.
1 instruction cycle = 8 basic clock pulses
There are 22 stages time base .
When working in the single clock mode, the timebase clock source is come from fc that is RC oscillation.
Time base provides basic frequency for following function:
1. TBI (time base interrupt) .
2. Timer/counter, internal clock source.
3. Warm-up time for sleep - mode releasing.
TIME BASE INTERRUPT (TBI )
The time base can be used to generate a fixed frequency interrupt . There are 8 kinds of frequencies can be
selected by setting "25"
Single clock mode
P25 3
2
1
0
( initial value 0000 )
0 0 x x: Interrupt disable
0 1 0 0: Interrupt frequency XIN / 210 Hz
0 1 0 1: Interrupt frequency XIN / 211 Hz
0 1 1 0: Interrupt frequency XIN / 212 Hz
0 1 1 1: Interrupt frequency XIN / 213 Hz
1 1 0 0: Interrupt frequency XIN / 29 Hz
1 1 0 1: Interrupt frequency XIN / 28 Hz
1 1 1 0: Interrupt frequency XIN / 215 Hz
1 1 1 1: Interrupt frequency XIN / 217 Hz
1 0 x x: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com