Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73201 Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM73201
Description  4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73201 Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM73201 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73201 Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13
* This specification are subject to be changed without notice.
EM73201
4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
Preliminary
7.20.1999
Port 28 3
2
1
0
TMSA IPSA
Initial state: 0000
TIMER/COUNTER MODE SELECTION
TMSA
Function description
0 0
Stop
0 1
Event counter mode
1 0
Timer mode
1 1
Pulse width measurement mode
INTERRUPT CONTROL
TRGA request
DATA BUS
P8.3/
TRGA
EVENT COUNTER CONTROL
TIMER CONTROL
internal clock
P28
12 BIT COUNTER
TMSA
IPSA
PULSE-WIDTH MEASUREMENT
CONTROL
TIMER / COUNTER ( TIMERA)
Timer/counters can support user three special functions:
1. Even counter
2. Timer.
3. Pulse-width measurement.
These three functions can be executed by timer/counter.
For timerA, the counter data is saved in timer register TAH, TAM, TAL, which user can set counter
initial value and read the counter value by W/B instruction "LDATAH (B,L), STATAH (B,L)".
The counter can be set initial value and send counter value to timer register. P28 is the command port
for timerA , user can choose different operation mode and different internal clock rate by setting the
port. When timer/counter overflow, it will generate a TRGA interrupt request to interrupt control unit.
TIMER/COUNTER CONTROL
P8.3/TRGA is the external timer inputs for timerA, it used in event counter and pulse-width
measurement mode.
Timer/counter command port: P28 is the command port for timer/counterA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com