Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ACST2
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ACST2 Datasheet HTML 3Page - STMicroelectronics ACST2 Datasheet HTML 4Page - STMicroelectronics ACST2 Datasheet HTML 5Page - STMicroelectronics ACST2 Datasheet HTML 6Page - STMicroelectronics ACST2 Datasheet HTML 7Page - STMicroelectronics ACST2 Datasheet HTML 8Page - STMicroelectronics ACST2 Datasheet HTML 9Page - STMicroelectronics ACST2 Datasheet HTML 10Page - STMicroelectronics ACST2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID13304 Rev 4
7/13
ACST2
Application information
13
Figure 17. Overvoltage ruggedness test circuit for resistive and inductive loads for
IEC 61000-4-5 standards
Figure 18. Typical current and voltage waveforms across the ACST2 during
IEC 61000-4-5 standard test
2.3
Electrical noise immunity
The ACST2 is a sensitive device (IGT = 10 mA) and can be controlled directly though a
simple resistor by a logic level circuit, and still provides a high electrical noise immunity. The
intrinsic immunity of the ACST2 is shown by the specified dV/dt equal to 500 V/µs @ 125
°C. This immunity level is 5 to 10 times higher than the immunity provided by an equivalent
standard technology Triac with the same sensitivity. In other words, the ACST2 is sensitive,
but has an immunity usually available only for non-sensitive device (IGT higher than 35 mA).
AC Mains
R
Filtering unit
Rg
Model of the load
Rgene
Surge generator
ACST210-8x
2kV surge
L
R = 20
, L = 10 µH, VPP = 2 kV
Ω
I
V
0
0
V peak =V CL
1.2/50 µs voltage surge
8/20 µs current surge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com