Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ACST2
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST2 Datasheet(HTML) 5 Page - STMicroelectronics

  ACST2 Datasheet HTML 1Page - STMicroelectronics ACST2 Datasheet HTML 2Page - STMicroelectronics ACST2 Datasheet HTML 3Page - STMicroelectronics ACST2 Datasheet HTML 4Page - STMicroelectronics ACST2 Datasheet HTML 5Page - STMicroelectronics ACST2 Datasheet HTML 6Page - STMicroelectronics ACST2 Datasheet HTML 7Page - STMicroelectronics ACST2 Datasheet HTML 8Page - STMicroelectronics ACST2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID13304 Rev 4
5/13
ACST2
Characteristics
13
Figure 10. Relative variation of critical rate of
decrease of main current versus junction
temperature
Figure 11. Surge peak on-state current versus
number of cycles
0
2
4
6
8
10
12
14
16
18
20
25
50
75
100
125
(dI/dt)
c [Tj]/ (dI/dt)c [Tj=125 °C]
V
OUT=300 V
Tj(°C)
0
1
2
3
4
5
6
7
8
9
1
10
100
1000
I
TSM(A)
Non repetitive
T
j initial=25 °C
Repetitive
T
C=110 °C
One cycle
t=20ms
Number of cycles
Figure 12. Non repetitive surge peak on-state
current and corresponding value of I²t
Figure 13. On-state characteristics
(maximum values)
0.1
1.0
10.0
100.0
0.01
0.10
1.00
10.00
I
TSM(A), I²t (A²s)
T
j initial=25 °C
I
TSM
I²t
tP(ms)
sinusoidal pulse
with width t < 10 ms
P
1.E-02
1.E-01
1.E+00
1.E+01
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
ITM(A)
TJ max. :
VTO= 0.90 V
RD= 250 mΩ
Tj=25 °C
Tj=125 °C
VTM(V)
Figure 14. Thermal resistance junction to
ambient versus copper surface under tab DPAK
Figure 15. Relative variation of clamping
voltage VCL versus junction temperature
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
R
th(j-a)(
°C /W)
DPAK
SCU(cm ²)
Printed circuitboard FR 4,
copperthickness = 35 µm
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
-40
-20
0
20
40
60
80
100
120
140
V
CL [Tj]/ VCL [Tj=25 °C]
Tj(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com