Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ACST2
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST2 Datasheet(HTML) 2 Page - STMicroelectronics

  ACST2 Datasheet HTML 1Page - STMicroelectronics ACST2 Datasheet HTML 2Page - STMicroelectronics ACST2 Datasheet HTML 3Page - STMicroelectronics ACST2 Datasheet HTML 4Page - STMicroelectronics ACST2 Datasheet HTML 5Page - STMicroelectronics ACST2 Datasheet HTML 6Page - STMicroelectronics ACST2 Datasheet HTML 7Page - STMicroelectronics ACST2 Datasheet HTML 8Page - STMicroelectronics ACST2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Characteristics
ACST2
2/13
DocID13304 Rev 4
1
Characteristics
Table 2. Absolute maximum ratings (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
On-state rms current (full sine wave)
TO-220FPAB
Tc = 105 °C
2
A
DPAK
Tc = 110 °C
ITSM
Non repetitive surge peak on-state current
(full cycle sine wave, TJ initial = 25 °C)
F = 60 Hz
t = 16.7 ms
8.4
A
F = 50 Hz
t = 20 ms
8.0
I²tI²t Value for fusing
tp = 10 ms
0.5
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT, tr = 100 ns
F = 120 Hz
Tj = 125 °C
50
A/µs
VPP
(1)
Non repetitive line peak mains voltage (1)
Tj = 25 °C
2
kV
PG(AV)
Average gate power dissipation
Tj = 125 °C
0.1
W
PGM
Peak gate power dissipation (tp = 20 µs)
Tj = 125 °C
10
W
IGM
Peak gate current (tp = 20 µs)
Tj = 125 °C
1.6
A
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
-40 to +150
-40 to +125
°C
Tl
Maximum lead soldering temperature during 10 s (at 3 mm from plastic case)
260
°C
VINS(RMS) Insulation rms voltage
T0-220FPAB
1500
V
1.
According to test described in IEC 61000-4-5 standard and Figure 18
Table 3. Electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Test conditions
Quadrant
Value
Unit
IGT
(1)
VOUT = 12 V, RL = 33 
I - II - III
MAX
10
mA
VGT
VOUT = 12 V, RL = 33 
I - II - III
MAX
1.1
V
VGD
VOUT = VDRM, RL = 3.3 kTj = 125 °C
I - II - III
MIN
0.2
V
IH
(2)
IOUT = 100 mA
MAX
10
mA
IL
IG = 1.2 x IGT
I - III
MAX
25
mA
II
MAX
35
dV/dt (2)
VOUT = 67% VDRM gate open, Tj = 125 °C
MIN
500
V/µs
(dI/dt)c (2)
(dV/dt)c = 15 V/µs, Tj = 125 °C
MIN
0.5
A/ms
VCL
ICL = 0.1 mA, tp = 1 ms, Tj = 25 °C
MIN
850
V
1.
Minimum IGT is guaranteed at 5% of IGT max
2.
For both polarities of OUT pin referenced to COM pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com