Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ACST2
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ACST2 Datasheet HTML 5Page - STMicroelectronics ACST2 Datasheet HTML 6Page - STMicroelectronics ACST2 Datasheet HTML 7Page - STMicroelectronics ACST2 Datasheet HTML 8Page - STMicroelectronics ACST2 Datasheet HTML 9Page - STMicroelectronics ACST2 Datasheet HTML 10Page - STMicroelectronics ACST2 Datasheet HTML 11Page - STMicroelectronics ACST2 Datasheet HTML 12Page - STMicroelectronics ACST2 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DocID13304 Rev 4
11/13
ACST2
Package information
13
Figure 21. Footprint (dimensions in mm)
Table 7. DPAK dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.18
2.40
0.086
0.094
A1
0.90
1.10
0.035
0.043
A2
0.03
0.23
0.001
0.009
b
0.64
0.90
0.025
0.035
b4
4.95
5.46
0.195
0.215
c
0.46
0.61
0.018
0.024
c2
0.46
0.60
0.018
0.023
D
5.97
6.22
0.235
0.244
D1
5.10
0.201
E
6.35
6.73
0.250
0.264
E1
4.32
0.170
e1
4.40
4.70
0.173
0.185
H
9.35
10.40
0.368
0.409
L
1.00
1.78
0.039
0.070
L2
1.27
0.05
L4
0.60
1.02
0.023
0.040
V2
0°
8°
0°
8°
6.7
6.7
3.0
3.0
1.6
5.094
A
B
The device must be positioned within
0.05 A B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com