Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73C63 Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM73C63
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73C63 Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM73C63 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 21Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 22Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 23Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 24Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
21
* This specification are subject to be changed without notice.
EM73C63
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminary
8.11.2000
0123456789ABCDEF
100-10Fh
110-11Fh
120-12Fh
130-13Fh
140-14Fh
150-15Fh
160-16Fh
170-17Fh
180-18Fh
190-19Fh
1A0-1AFh
1B0-1BFh
1C0-1CFh
1D0-1DFh
1E0-1EFh
1F0-1FFh
COM0
COM1
COM2
COM3
COM4
COM5
COM6
COM7
COM8
COM9
COM10
COM11
COM12
COM13
COM14
COM15
The display data from the display data area are automatically read out and send to the LCD driver directly by
the hardware. Therefore, the display patterns can be changed only by overwritting the contents of the
display data area through software.
The dispaly memory area that is not used to store the LCD display data could be used as the ordinary data
memory.
P26 is the start address register of LCD common pin.
Port26
3210
Initial value: 0000
CSA
LCD display data area : (40x16 mode)
Bank1
P9.3=1
CSA
100-
109h
110-
119h
120-
129h
130-
139h
140-
149h
150-
159h
160-
169h
170-
179h
180-
189h
190-
199h
1A0-
1A9h
1B0-
1B9h
1C0-
1C9h
1D0-
1D9h
1E0-
1E9h
1F0-
1F9h
Common start address register
RAM
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
COM0
COM15
COM14
COM13
COM12
COM11
COM10
COM9
COM8
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM1
COM0
COM15
COM14
COM13
COM12
COM11
COM10
COM9
COM8
COM7
COM6
COM5
COM4
COM3
COM2
COM2
COM1
COM0
COM15
COM14
COM13
COM12
COM11
COM10
COM9
COM8
COM7
COM6
COM5
COM4
COM3
COM3
COM2
COM1
COM0
COM15
COM14
COM13
COM12
COM11
COM10
COM9
COM8
COM7
COM6
COM5
COM4
COM4
COM3
COM2
COM1
COM0
COM15
COM14
COM13
COM12
COM11
COM10
COM9
COM8
COM7
COM6
COM5
COM5
COM4
COM3
COM2
COM1
COM0
COM15
COM14
COM13
COM12
COM11
COM10
COM9
COM8
COM7
COM6
COM6
COM5
COM4
COM3
COM2
COM1
COM0
COM15
COM14
COM13
COM12
COM11
COM10
COM9
COM8
COM7
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
COM15
COM14
COM13
COM12
COM11
COM10
COM9
COM8
COM8
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
COM15
COM14
COM13
COM12
COM11
COM10
COM9
COM9
COM8
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
COM15
COM14
COM13
COM12
COM11
COM10
COM10
COM9
COM8
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
COM15
COM14
COM13
COM12
COM11
COM11
COM10
COM9
COM8
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
COM15
COM14
COM13
COM12
COM12
COM11
COM10
COM9
COM8
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
COM15
COM14
COM13
COM13
COM12
COM11
COM10
COM9
COM8
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
COM15
COM14
COM14
COM13
COM12
COM11
COM10
COM9
COM8
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
COM15
COM15
COM14
COM13
COM12
COM11
COM10
COM9
COM8
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com