Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73C63 Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM73C63
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73C63 Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM73C63 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
13
* This specification are subject to be changed without notice.
EM73C63
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminary
8.11.2000
LDL #5h;
LDH #3h;
STDMI #0Ah; RAM[35]
← Ah
(3) L register is used as a pointer to indicate the bit of I/O port for instructions : SELP, CLPL, TFPL,
(When LR = 0 indicate P4.0)
PROGRAM EXAMPLE: To set bit 0 of Port4 to "1"
LDL #00h;
SEPL ; P4.0
← 1
STACK POINTER (SP)
Stack pointer is a 4-bit register that stores the present stack level number.
Before using stack, user must set the SP value first, CPU will not initiate the SP value after reset condition
. When a new subroutine is received, the SP is decreased by one automatically, likewise, if returning from
a subroutine, the SP is increased by one .
The data transfer between ACC and SP is done with instructions "LDASP" and "STASP".
DATA POINTER (DP)
Data pointer is a 12-bit register that stores the ROM address can indicating the ROM code data
specified by user (refer to data ROM).
CLOCK AND TIMING GENERATOR
The clock generator is supported by a dual clock system. The high-frequency oscillator is sourced from RC
oscillator, the working frequency range is 480 KHz to 4 MHz defined by the mask option. The low-frequency
oscillator may be sourced from crystal or RC oscillator as defined by mask option, the working frequency is
32 KHz.
CLOCK GENERATOR STRUCTURE
There are two clock generator for system clock control unit, P14 is the status register that hold the CPU
status. P16, P19 and P22 are the command register for system clock mode control.
High-frequency
generator
System clock
mode control
fc
CLK
fs
System control
RC connection
Crystal connection
LXIN
LXOUT
P14
P16
P22
P19
Low-frequency
generator
Mask option for choose Crystal or RC oscillator
LXIN
LXOUT
LXIN
LXOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com