Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73C63 Datasheet(PDF) 12 Page - ELAN Microelectronics Corp

Part # EM73C63
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73C63 Datasheet(HTML) 12 Page - ELAN Microelectronics Corp

Back Button EM73C63 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 16Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
12
* This specification are subject to be changed without notice.
8.11.2000
EM73C63
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminary
ACC
CF
MSB
LSB
3
2
1
0
H REGISTER
3
2
1
0
L REGISTER
ACC
CF
MSB
LSB
(3) Rotation:
Two types of rotation operation are available, one is rotation left, the other is rotation right.
RLCA instruction rotates Acc value counter-clockwise, shift the CF value into the LSB bit of Acc and hold
the shift out data in CF.
RRCA instruction operation rotates Acc value clockwise, shift the CF value into the MSB bit of Acc and
hold the shift out data in CF.
PROGRAM EXAMPLE: To rotate Acc clockwise (right) and shift a "1" into the MSB bit of Acc .
TTCFS; CF
← 1
RRCA; rotate Acc right and shift CF=1 into MSB.
HL REGISTER
HL register are two 4-bit registers, they are used as a pair of pointer for the RAM memoryaddress. They are
used as also 2 independent temporary 4-bit data registers. For certain instructions, L register can be a pointer
to indicate the pin number ( Port4 only ) .
HL REGISTER STRUCTURE
HL REGISTER FUNCTION
(1) HL register is used as a temporary register for instructions : LDL #k, LDH #k, THA, THL, INCL, DECL,
EXAL, EXAH, .
PROGRAM EXAMPLE: Load immediate data "5h" into L register, "0Dh" into H register.
LDL #05h;
LDH #0Dh;
(2) HL register is used as a pointer for the address of RAM memory for instructions : LDAM, STAM, STAMI ..,
PROGRAM EXAMPLE: Store immediate data "#0Ah" into RAM of address 35h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com