Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73P461 Datasheet(PDF) 5 Page - ELAN Microelectronics Corp

Part # EM73P461
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P461 Datasheet(HTML) 5 Page - ELAN Microelectronics Corp

  EM73P461 Datasheet HTML 1Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 2Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 3Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 4Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 5Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
* This specification are subject to be changed without notice.
EM73P461A
EM73P461A
EM73P461A
EM73P461A
EM73P461A
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
12.27.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
address
4096 x 8 bits
000h
Reset start address
002h
INT0; External interrupt service routine entry address
004h
HTCI; High speed timer interrupt service entry address
006h
TRGA; Timer/counterA interrupt service routine entry address
008h
TRGB; Timer/counter B interrupt service routine entry address
00Ah
TBI; Time base interrupt service routine entry address
00Ch
INT1; External interrupt service routine entry address
00Eh
086h
FFFh
User's program and fixed data are stored in the program ROM. User's program is according the PC value
to send next executed instruction code. Fixed data can be read out by two ways.
(1) Table-look-up instruction :
Table -look-up instruction is depended on the Data Pointer (DP) to indicate to ROM address, then to get the
ROM code data.
LDAX
LDAX
LDAX
LDAX
LDAX
Acc
Acc
Acc
Acc
Acc
←
←
←
←
← ROM[DP]
ROM[DP]
ROM[DP]
ROM[DP]
ROM[DP]
L
L
L
L
L
LDAXI
LDAXI
LDAXI
LDAXI
LDAXI
Acc
Acc
Acc
Acc
Acc
←
←
←
←
← ROM[DP]
ROM[DP]
ROM[DP]
ROM[DP]
ROM[DP]
H
H
H
H
H,DP+1
,DP+1
,DP+1
,DP+1
,DP+1
DP is a 12-bit data register which can store the program ROM address to be the pointer for the ROM code
.
.
.
.
.
.
SCALL, subroutine call entry address
data. First, user load ROM address into DP by instruction "STADPL, STADPM, STADPH", then user can
get the lower nibble of ROM code data by instruction "LDAX" and higher nibble by instruction "LDAXI".
PROGRAM EXAMPLE: Read out the ROM code of address 777h by table-look-up instruction.
LDIA #07h;
STADPL
; DP3-0
← 07h
STADPM
; DP5-4
← 07h
STADPH
; DP8-6
← 07h, Load DP=0777h
:
LDL #00h;
LDH #03h;
LDAX
; ACC
← 6h
STAMI
; RAM[30]
← 6h
LDAXI
; ACC
← 5h
STAM
; RAM[31]
← 5h
:
ORG0777h;
DATA 56h;
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com