Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73P461 Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM73P461
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P461 Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM73P461 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
13
* This specification are subject to be changed without notice.
EM73P461A
EM73P461A
EM73P461A
EM73P461A
EM73P461A
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
12.27.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
CF
ZF
SF
LDIA #00h;
-
1
1
LDIA #03h;
-
0
1
ADDA #05h;
-
0
1
ADDA #0Dh;
-
0
0
ADDA #0Eh;
-
0
0
ALU
ALU
ALU
ALU
ALU
The arithematic operation of 4 - bit data is performed in ALU unit. There are 2 flags can be affected by the
result of ALU operation, ZF and SF. The operation of ALU can be affected by CF only.
ALU STRUCTURE
ALU STRUCTURE
ALU STRUCTURE
ALU STRUCTURE
ALU STRUCTURE
ALU supported user arithematic operation function, including : addition, subtraction and rotaion.
ALU FUNCTION
ALU FUNCTION
ALU FUNCTION
ALU FUNCTION
ALU FUNCTION
(1) Addition:
For instruction ADDAM, ADCAM, ADDM #k, ADD #k,y .... ALU supports addition function.
The addition operation can affect CF and ZF. For addition operation, if the result is "0", ZF will be "1",
otherwise, not equal "0", ZF will be "0". When the addition operation has a carry-out, CF will be "1",
otherwise, CF will be "0".
EXAMPLE:
Operation
Carry
Zero
3+4=7
0
0
7+F=6
1
0
0+0=0
0
1
8+8=0
1
1
(2) Subtraction:
For instruction SUBM #k, SUBA #k, SBCAM, DECM... ALU supports user subtraction function. The
subtraction operation can affect CF and ZF, For subtraction operation, if the result is negative, CF will
be "0", it means a borrow out, otherwise, if the result is positive, CF will be "1". For ZF, if the result of
subtraction operation is "0", the ZF will be "1", otherwise, ZF will be "1".
ZF CF
SF GF
ALU
DATA BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com