Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73P461 Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM73P461
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P461 Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM73P461 Datasheet HTML 5Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
9
* This specification are subject to be changed without notice.
EM73P461A
EM73P461A
EM73P461A
EM73P461A
EM73P461A
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
12.27.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
PROGRAM COUNTER (4K/8K ROM)
PROGRAM COUNTER (4K/8K ROM)
PROGRAM COUNTER (4K/8K ROM)
PROGRAM COUNTER (4K/8K ROM)
PROGRAM COUNTER (4K/8K ROM)
Program counter ( PC ) is composed by a 12-bit counter for 4K ROM/13-bit counter for 8K ROM which indicates
the next executed address for the instruction of program ROM.
For a 4K - byte size ROM, PC can indicate address form 000h - FFFh, for BRANCH and CALL instrcutions,
PC is changed by instruction indicating.
For a 8K - byte size ROM, PC can indicate address form 0000h - 1FFFh, for BRANCH and CALL instrcutions,
PC is changed by instruction indicating.
(1) Branch instruction:
(1) Branch instruction:
(1) Branch instruction:
(1) Branch instruction:
(1) Branch instruction:
SBR a
SBR a
SBR a
SBR a
SBR a
Object code: 00aa aaaa
Condition: SF=1; PC
← PC
11-6.a ( branch condition satisified )
PC
Hold original PC value+1
a
aaaaa
(for 4K/8K ROM)
SF=0; PC
← PC +1( branch condition not satisified )
PC
Original PC value + 1
LBR a
LBR a
LBR a
LBR a
LBR a
Object code: 1100 aaaa aaaa aaaa
Condition: SF=1; PC
← a ( branch condition satisified )
PC
aaaaaaaaaaa
a
(for 4K/8K ROM)
SF=0 ; PC
← PC + 2 ( branch condition not satisified )
PC
Original PC value + 2
SLBR a
SLBR a
SLBR a
SLBR a
SLBR a
Object code: 0101 0101 1100 aaaa aaaa aaaa (a : 1000 ~ 1FFFh)
0101 0111 1100 aaaa aaaa aaaa (a : 0000 ~ 0FFFh)
Condition: SF=1; PC
← a ( branch condition satisified )
PC
aaaaaaaaaaa
a
(only for 8K ROM)
SF=0 ; PC
← PC + 2 ( branch condition not satisified )
PC
Original PC value + 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com