Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73P461 Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM73P461
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P461 Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM73P461 Datasheet HTML 3Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 4Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 5Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7
* This specification are subject to be changed without notice.
EM73P461A
EM73P461A
EM73P461A
EM73P461A
EM73P461A
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
12.27.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
DATA RAM ( 244-nibble )
DATA RAM ( 244-nibble )
DATA RAM ( 244-nibble )
DATA RAM ( 244-nibble )
DATA RAM ( 244-nibble )
There is total 244 - nibble data RAM from address 00 to F3h
Data RAM includes 3 parts: zero page region, stacks and data area.
PROGRAM EXAMPLE: Read out the ROM code of address 1777h by table-look-up instruction for 8K ROM.
LDIA #07h;
STADPL
; DP3-0
← 07h
STADPM
; DP5-4
← 07h
STADPH
; DP8-6
← 07h, Load DP=1777h
:
LDL #00h;
LDH #03h;
LDAX
; ACC
← 6h
STAMI
; RAM[30]
← 6h
LDAXI
; ACC
← 5h
STAM
; RAM[31]
← 5h
:
BANK 1
ORG1777h
DATA 56h;
:
level 0
level 4
level 8
level C
level 1
level 5
level 9
level 2
level 6
level A
level 3
level17
level B
B0h ~ BFh
C0h ~ CFh
D0h ~ DFh
E0h ~ EFh
F0h ~ F3h
Address
00h~0Fh
10h~1Fh
20h~2Fh
30h~3Fh
40h~4Fh
:
zero page
LCD display RAM
Increment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com