Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDR13 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # ADDR13
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR13 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button ADDR13 Datasheet HTML 15Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 16Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 17Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 18Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 19Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 20Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 21Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 22Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
System clock an d res e t
ww w.d i gi .c om
15
System clock and reset
Signal descriptions
The NS7520 has three clock domains:
System clock (SYSCLK)
Bit rate generation and programmable timer reference clock (XTALA1/2)
System bus clock (BCLK)
The SYS module provides the NS7520 with these clocks, as well as system reset and backup
resources.
This figure shows the timing and specification for RESET_ rise/fall times:
Symbol
Pin
I/O
OD
Description
XTALA1
K14
I
ARM/system oscillator circuit
XTALA2
K12
O
PLLVDD (1.5V)
L15
P
PLL clean power
PLLVSS
L12
P
PLL return
RESET_
A10
I
System reset
Mnemonic
Signal
Description
XTALA1
XTALA2
Oscillator input
Oscillator output
A standard parallel quartz crystal or crystal oscillator can be
attached to these pins to provide the main input clock to the
NS7520.
PLLVDD
PLLVSS
Clean PLL power
Connect directly to the
GND plane
Power and ground for PLL circuit.
RESET_
System reset
Resets the NS7520 hardware.
Table 2: Clock generation and reset signal description
tR max= 18ns
Vin = 0.8Vto 2.0V
tF max= 18ns
Vin = 2.0Vto 0.8V
tF
tR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com