Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDR13 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ADDR13
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR13 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ADDR13 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 8Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
NS 75 20 Ov erv i ew
ww w.d i gi .c om
1
NS7520 Overview
Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins.
Figure 1: NS7520 module overview
Debugger
PLL
System
Clock
JTAG Debug
Interface
ARM7TDMI
FIRQ
IRQ
2 timers
Watchdog
timer
Power
3.3V
1.5V
BBUS
D
M
A
D
M
A
D
M
A
D
M
A
Serial-A
UART
SPI
Serial-B
UART
SPI
4
level
interrupt
inputs
16 GPIO
Ethernet
controller
802.3
compliant
External
memory
controller
NS7520
Reset
Address bus
Serial transceivers and other
devices
MII
Memory
devices
Flash
SRAM
FP DRAM
SDRAM
Boot
config



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com