Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDR13 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # ADDR13
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR13 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button ADDR13 Datasheet HTML 22Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 23Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 24Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 25Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 26Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 27Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 28Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 29Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
NS75 20 b ootstra p ini t i a li zation
22
NS 75 20 Da ta shee t
03 /2 00 6
NS7520 bootstrap initialization
Many internal NS7520 features are configured when the RESET pin is asserted. The address bus
configures the appropriate control register bits at powerup. This table shows which bits control
which functions:
JTAG
The NS7520 provides full support for 1149.1 JTAG boundary scan testing. All NS7520 pins can be
controlled using the JTAG interface port. The JTAG interface provides access to the ARM7TDMI
debug module when the appropriate combination of PLLTST_, BISTEN_, and SCANEN_ is selected (as
shown in Table 3: "NS7520 test modes").
ARM Debug
The ARM7TDMI core uses a JTAG TAP controller that shares the pins with the TAP controller used for
1149.1 JTAG boundary scan testing. To enable the ARM7TDMI TAP controller,
{PLLTST_,BISTEN_,SCANEN_}
must be set as shown in Table 3: "NS7520 test modes".
Address bit
Name
Description
ADDR[27]
Endian configuration
0 Little Endian configuration
1 Big Endian configuration
ADDR[26]
CPU bootstrap
0 CPU disabled; GEN_BUSER=1
1 CPU enabled; GEN_BUSER=0
ADDR[24:23]
CS0/MMCR[19:18] setting
00
8-bit SRAM, 63 wait-states/b00
01
32-bit SRAM, 63 wait-states/b01
10
32-bit SRAM
11
16-bit SRAM, 63 wait-states/b11
ADDR[19:9]
GEN_ID setting
GEN_ID=A[19:09],default=’h3ff
ADDR[8:7]
PLL IS setting
IS=A[8:7], default=’b10
ADDR[6:5]
PLL FS setting
FS=A[6:5], default=’b00
ADDR[4:0]
PLL ND setting
ND=A[4:0], default=’b01011
Table 3: NS7520 test modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com