Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDR13 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ADDR13
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR13 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ADDR13 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 8Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 9Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
Key Fe ature s
2
NS 75 20 Da ta shee t
03 /2 00 6
Key Features
This table lists the key features of the NS7520.
CPU core
Integrated 10/100 Ethernet MAC
ARM7TDMI 32-bit RISC processor
32-bit internal bus
32-bit ARM and 16-bit Thumb mode
15 general purpose 32-bit registers
32-bit program counter (PC) and status register
Five supervisor modes, one user mode
10/100 Mbps MII-based PHY interface
10 Mbps ENDEC interface
TP-PMD and fiber-PMD device support
Full-duplex and half-duplex modes
Optional 4B/5B coding
Station, broadcast, and multicast address
detection
512-byte transmit FIFO, 2 Kbyte receive FIFO
Intelligent receive-side buffer selection
13-Channel DMA controller
Programmable Timers
Two channels dedicated to Ethernet transmit
and receive
Four channels dedicated to two serial modules’
transmit and receive
Four channels for external peripherals. Only two
channels — either 3 and 5 or 4 and 6 — can be
configured at one time.
Three channels available for memory-to-memory
transfers
Flexible buffer management
Two independent timers (2μs–20.7 hours)
Watchdog timer (interrupt or reset on expiration)
Programmable bus monitor or timer
General purpose I/O pins
Operating frequency
16 programmable GPIO interface pins
4 pins programmable with level-sensitive
interrupt
36, 46, or 55 MHz internal clock operation from
18.432 MHz crystal
fMAX = 36, 46, or 55 (grade–dependent)
System clock source by external quartz crystal
or crystal oscillator, or clock signal
Programmable PLL, which allows a range of
operating frequencies from 10 to fMAX
Maximum operating frequency from external
clock or using PLL multiplication fMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com