Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73P982 Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM73P982
Description  4-BIT MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P982 Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM73P982 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 21Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 22Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 23Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 24Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
21
* This specification are subject to be changed without notice.
EM73P982
EM73P982
EM73P982
EM73P982
EM73P982
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
12.25.2001
There is only one kind of sleep/hold release mode.
1. Edge release mode:
Release sleep/hold condition by the falling edge of any one of P0(0..3)/WAKEUP0..3 or P8(0..3)/
WAKEUPA..D.
Note : There are 8 independent mask options for wakeup function in EM73P982. So, the wakeup function
of P0(0..3)/WAKEUP0..3 and P8(0..3)/WAKEUPA..D are enabled or disabled independently.
LCD DRIVER
LCD DRIVER
LCD DRIVER
LCD DRIVER
LCD DRIVER
It can directly drive the liquid crystal display ( LCD ) and has 40 segments, 8 commons output pins.
There are total 40x8 dots can be display. The VRLC pin is the LCD driver power input, there is the voltage
of ( Vcc - VRLC ) to LCD.
(1) LCD driver control command register:
Port27 3210
Initial value: 0h
LDC
LDC
LDC
LDC
LDC
*
*
*
*
*
*
*
*
*
*
LCD DISPLAY CONTROL
LCD DISPLAY CONTROL
LCD DISPLAY CONTROL
LCD DISPLAY CONTROL
LCD DISPLAY CONTROL
LDC
Function description
0
0
LCD display disable
0
1
Blanking, change COMMON pin output
1
0
Reserved
1
1
LCD display enable
* : Don't care.
P27 is the LDC driver control command register. The initial value is 0000.
When LDC ( bit2 and bit3 of P27 ) is set to "0000", the LCD display is disabled.
When LDC is set to "0010", the LCD is blanking, the COM pins are inactive and the SEG pins continuously
output the display data.
The power switch of LCD driver is turned off when the CPU is reseted.
When LDC is set to "0110", the LCD display is enabled, the power switch is turned on and it can not be turned
off forever except the CPU is reseted again.
The power switch is also turned off during the sleep operation. Users must enable the LCD display again
by self when the CPU is waked up.
(2) LCD display data area:
(2) LCD display data area:
(2) LCD display data area:
(2) LCD display data area:
(2) LCD display data area:
The LCD display data is stored in the display data area of the data memory (RAM).
The display data area begins with address 20H during reset. The LCD display data area is as below:
CO M 0
CO M 1
CO M 2
CO M 3
CO M 4
CO M 5
CO M 6
CO M 7
20H
30H
40H
50H
60H
70H
80H
90H
b
i
t
0
b
i
t
1
b
i
t
2
b
i
t
3
S
E
G
0
S
E
G
1
S
E
G
2
S
E
G
3
S
E
G
4
S
E
G
5
S
E
G
6
S
E
G
7
S
E
G
8
S
E
G
9
S
E
G
1
0
S
E
G
1
1
S
E
G
1
2
S
E
G
1
3
S
E
G
1
4
S
E
G
1
5
S
E
G
1
6
S
E
G
1
7
S
E
G
1
8
S
E
G
1
9
S
E
G
2
0
S
E
G
2
1
S
E
G
2
2
S
E
G
2
3
S
E
G
2
4
S
E
G
2
5
S
E
G
2
6
S
E
G
2
7
S
E
G
2
8
S
E
G
2
9
S
E
G
3
0
S
E
G
3
1
S
E
G
3
2
S
E
G
3
3
S
E
G
3
4
S
E
G
3
5
S
E
G
3
6
S
E
G
3
7
S
E
G
3
8
S
E
G
3
9
0
1
2
3456
789
A
B
C
D
E
F
RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com