Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73P982 Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM73P982
Description  4-BIT MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P982 Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM73P982 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
13
* This specification are subject to be changed without notice.
EM73P982
EM73P982
EM73P982
EM73P982
EM73P982
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
12.25.2001
+2
PROGRAM COUNTER
PROGRAM COUNTER
PROGRAM COUNTER
PROGRAM COUNTER
PROGRAM COUNTER
Program counter ( PC ) is composed by a 13-bit counter, which indicates the next executed address for the
instruction of program ROM.
For a 8K - byte size ROM, PC can indicate address form 0000h - 1FFFh, for BRANCH and CALL instrcutions,
PC is changed by instruction indicating.
(1) Branch instruction:
(1) Branch instruction:
(1) Branch instruction:
(1) Branch instruction:
(1) Branch instruction:
SBR a
SBR a
SBR a
SBR a
SBR a
Object code: 00aa aaaa
Condition: SF=1; PC
← PC
12-6.a (branch condition satisified)
PC Hold original PC value+1
aaaaaa
SF=0; PC
← PC +1 (branch condition not satisified)
PC
Original PC value + 1
LBR a
LBR a
LBR a
LBR a
LBR a
Object code: 1100 aaaa aaaa aaaa
Condition: SF=1; PC
← PC
12.a (branch condition satisified)
PC Hold a
a
a
a
a
a aaaaaa
SF=0; PC
← PC +2 (branch condition not satisified)
PC
Original PC value + 2
SLBR a
SLBR a
SLBR a
SLBR a
SLBR a
Object code: 0101 0101 1100 aaaa aaaa aaaa (a:1000h~1FFFh)
0101 0111 1100 aaaa aaaa aaaa (a:0000h~0FFFh)
Condition: SF=1; PC
← a (branch condition satisified)
PC aaaaaaaaaaaa
a
SF=0 ; PC
← PC + 3 (branch condition not satisified)
PC
Original PC value + 3
(2) Subroutine instruction:
(2) Subroutine instruction:
(2) Subroutine instruction:
(2) Subroutine instruction:
(2) Subroutine instruction:
SCALL a
SCALL a
SCALL a
SCALL a
SCALL a
Object code: 1110 nnnn
Condition : PC
← a ; a=8n+6 ; n=1..Fh ; a=86h, n=0
PC 00000
aaaaa1
1
0
LCALL a
LCALL a
LCALL a
LCALL a
LCALL a
Object code: 0100 0aaa aaaa aaaa
Condition: PC
← a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com