Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73P982 Datasheet(PDF) 22 Page - ELAN Microelectronics Corp

Part # EM73P982
Description  4-BIT MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P982 Datasheet(HTML) 22 Page - ELAN Microelectronics Corp

Back Button EM73P982 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 21Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 22Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 23Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 24Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 25Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 26Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
22
* This specification are subject to be changed without notice.
EM73P982
EM73P982
EM73P982
EM73P982
EM73P982
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
12.25.2001
Read automatically the display data from the display data area and send to the LCD driver by the hardware.
Therefore, the display patterns can be changed only by overwritting the contents of the display data area
with the software.
The data memory which is not used to store the LCD display data and the addresses are not connected to the
LCD can be used to store the ordinary user's processing data.
PROGRAM EXAMPLE:
LDIA #1100B
; LCD display enable
OUTA P27
LDIA #1010B
STA 24H
(3) LCD waveform :
(3) LCD waveform :
(3) LCD waveform :
(3) LCD waveform :
(3) LCD waveform :
: ON
: OFF
COM0
COM0
COM1
COM7
SEG0
SEG0-COM0
VDD
V4
V3
V2
V1
VSS
COM0
VDD
V4
V3
V2
V1
VSS
COM1
SEG0
ON
COM0
COM1
SEG0
SEG0-COM0
VDD
V3
V2
V1
VSS
COM0
VDD
V3
V2
V1
VSS
COM1
COM1
ON
SEG0-COM0
OFF
SEG0-COM0
ON
SEG0-COM1
ON
SEG0-COM0
ON
SEG0-COM1
OFF
SEG0-COM1
OFF
Frame freq.=65Hz
Frame freq.=65Hz
Frame freq.
=65Hz
Frame freq.
=65Hz
* TYPE A, 1/4 bias :
* TYPE B, 1/4 bias :
* TYPE A, modify 1/4 bias :
* TYPE B, modify 1/4 bias :
BIAS
VDD
V4
V3
V2
V1
VSS
Modify 1/4
1
17/23
12/23
11/23
6/23
0
1/4
1
3/4
1/2
1/4
0
S
E
G
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com